Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4872 Datasheet (PDF) - Micro Linear Corporation

ML4872 Datasheet PDF - Micro Linear Corporation
Part # ML4872
Download  ML4872 Download
File Size   249.12 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Current Boost Regulator with Shutdown

ML4872 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4872 Datasheet PDF - Micro Linear Corporation

Part # ML4872
Download  ML4872 Click to download

File Size   249.12 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Current Boost Regulator with Shutdown

ML4872 Datasheet (HTML) - Micro Linear Corporation


ML4872 Product details

GENERAL DESCRIPTION
The ML4872 is a continuous conduction boost regulator designed for DC to DC conversion in multiple cell battery powered systems. Continuous conduction allows the regulator to maximize output current for a given inductor. The maximum switching frequency can exceed 200kHz, allowing the use of small, low cost inductors. The ML4872 is capable of start-up with input voltages as low as 1.8V and is available in 5V and 3.3V output versions with an output voltage accuracy of ±3%.

FEATURES
■ Guaranteed full load start-up and operation at 1.8V Input
■ Continuous conduction mode for high output current
■ Very low supply current (20µA output referenced) for micropower operation
■ Pulse frequency modulation and internal synchronous rectification for high efficiency
■ Maximum switching frequency > 200kHz
■ Minimum external components
■ Low ON resistance internal switching FETs
■ 5V and 3.3V output versions




Similar Part No. - ML4872

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-3 MICRO-LINEAR-ML4870CS-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-5 MICRO-LINEAR-ML4870CS-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-3 MICRO-LINEAR-ML4870ES-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-5 MICRO-LINEAR-ML4870ES-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
More results


Similar Description - ML4872

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
High Current Boost Regulator
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
High Current Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757_14 Datasheet
1Mb / 20P
Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com