Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4872 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4872
Description  High Current Boost Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4872 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4872 Datasheet HTML 1Page - Micro Linear Corporation ML4872 Datasheet HTML 2Page - Micro Linear Corporation ML4872 Datasheet HTML 3Page - Micro Linear Corporation ML4872 Datasheet HTML 4Page - Micro Linear Corporation ML4872 Datasheet HTML 5Page - Micro Linear Corporation ML4872 Datasheet HTML 6Page - Micro Linear Corporation ML4872 Datasheet HTML 7Page - Micro Linear Corporation ML4872 Datasheet HTML 8Page - Micro Linear Corporation ML4872 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ML4872
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VOUT .......................................................................... 7V
Voltage on any other pin ..... GND – 0.3V to VOUT + 0.3V
Peak Switch Current (IPEAK) ......................................... 2A
Average Switch Current (IAVG) ..................................... 1A
Junction Temperature .............................................. 150ºC
Storage Temperature Range ...................... –65ºC to 150ºC
Lead Temperature (Soldering 10 sec) ...................... 260ºC
Thermal Resistance (
qJA) .................................... 160ºC/W
OPERATING CONDITIONS
Temperature Range
ML4872CS-X .............................................. 0ºC to 70ºC
ML4872ES-X ........................................... –20ºC to 70ºC
VIN Operating Range
ML4872CS-X ................................ 1.8V to VOUT – 0.2V
ML4872ES-X ................................ 2.0V to VOUT – 0.2V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = Operating Voltage Range, TA = Operating Temperature Range (Note 1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
IIN
VIN Current
VIN = VOUT – 0.2V
2
5
µA
IOUT(Q)
VOUT Quiescent Current
SHDN = 0V
25
35
µA
SHDN = VIN
15
22
µA
IL(Q)
VL Quiescent Current
1µA
PFM REGULATOR
IL Peak Current
1.2
1.4
1.7
A
VOUT
Output Voltage
IL(PEAK) = 0
-3 Suffix
3.30
3.35
3.40
V
-5 Suffix
4.95
5.05
5.15
V
Load Regulation
See Figure 1, -3 Suffix
3.20
3.25
3.40
V
VIN = 2.4V, IOUT = 400mA
See Figure 1, -5 Suffix
4.85
4.95
5.15
V
VIN = 2.4V, IOUT = 220mA
SHUTDOWN
Input Bias Current
–100
100
nA
Shutdown Threshold
VSHDN = high to low
0.4
0.6
1.1
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com