Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4872 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4872
Description  High Current Boost Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4872 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4872 Datasheet HTML 1Page - Micro Linear Corporation ML4872 Datasheet HTML 2Page - Micro Linear Corporation ML4872 Datasheet HTML 3Page - Micro Linear Corporation ML4872 Datasheet HTML 4Page - Micro Linear Corporation ML4872 Datasheet HTML 5Page - Micro Linear Corporation ML4872 Datasheet HTML 6Page - Micro Linear Corporation ML4872 Datasheet HTML 7Page - Micro Linear Corporation ML4872 Datasheet HTML 8Page - Micro Linear Corporation ML4872 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ML4872
FUNCTIONAL DESCRIPTION
The ML4872 combines a unique form of current mode
control with a synchronous rectifier to create a boost
converter that can deliver high currents while maintaining
high efficiency. Current mode control allows the use of a
very small, high frequency inductor and output capacitor.
Synchronous rectification replaces the conventional
external Schottky diode with an on-chip PMOS FET to
reduce losses and eliminate an external component. Also
included on-chip are an NMOS switch and current sense
resistor, further reducing the number of external
components, which makes the ML4872 very easy to use.
REGULATOR OPERATION
The ML4872 is a variable frequency, current mode
switching regulator. Its unique control scheme converts
efficiently over more than three decades of load current.
A block diagram of the boost converter is shown in Figure
2.
Error amp A3 converts deviations in the desired output
voltage to a small current, ISET. The inductor current is
measured through a 50m
W resistor which is amplified by
A1. The boost control block matches the average inductor
current to a multiple of the ISET current by switching Q1
on and off. The peak inductor current is limited by the
controller to about 1.5A.
At light loads, ISET will momentarily reach zero after an
inductor discharge cycle , causing Q1 to stop switching.
Depending on the load, this idle time can extend to
tenths of seconds. While the circuit is not switching, only
20µA of supply current is drawn from the output. This
allows the part to remain efficient even when the load
current drops below 200µA.
Amplifier A2 and the PMOS transistor Q2 work together
to form a low drop diode. When transistor Q1 turns off,
the current flowing in the inductor causes pin 6 to go
high. As the voltage on VL2 rises above VOUT, amplifier
A2 allows the PMOS transistor Q2 to turn on. In
discontinuous operation, (where IL always returns to zero),
A2 uses the resistive drop across the PMOS switch Q2 to
sense zero inductor current and turns the PMOS switch
off. In continuous operation, the PMOS turn off is
independent of A2, and is determined by the boost control
circuitry.
Typical inductor current and voltage waveforms are
shown in Figure 3.
SHUTDOWN
The SHDN pin should be held low for normal operation.
Raising the shutdown voltage above the threshold level
will disable the synchronous rectifier and force ISET to
zero. This prevents switching from occurring, and the
output voltage becomes VIN – VDIODE.
DESIGN CONSIDERATIONS
OUTPUT CURRENT CAPABILITY
The maximum current available at the output of the
regulator is related to the maximum inductor current by
the ratio of the input to output voltage and the full load
efficiency. The maximum inductor current is
approximately 1.25A and the full load efficiency may be
as low as 70%. The maximum output current can be
determined by using the typical performance curves
shown in Figures 4 and 5, or by calculation using the
following equation:
I
V
V
A
OUT MAX
IN MIN
OUT
()
()
..
=™ 


 ™
125
0 7
(1)
INDUCTOR SELECTION
The ML4872 is able to operate over a wide range of
inductor values. A value of 10µH is a good choice, but
any value between 5µH and 33µH is acceptable. As the
inductor value is changed the control circuitry will
automatically adjust to keep the inductor current under
control. Choosing an inductance value of less than 10µH
will reduce the component’s footprint, but the efficiency
and maximum output current may drop.
It is important to use an inductor that is rated to handle
1.5A peak currents without saturating. Also look for an
inductor with low winding resistance. A good rule of
thumb is to allow 5 to 10m
W of resistance for each µH of
inductance.
The final selection of the inductor will be based on trade-
offs between size, cost and efficiency. Inductor tolerance,
core and copper loss will vary with the type of inductor
selected and should be evaluated with a ML4872 under
worst case conditions to determine its suitability.
Several manufacturers supply standard inductance values
in surface mount packages:
Coilcraft
(847) 639-6400
Coiltronics
(561) 241-7876
Dale
(605) 665-9301
Sumida
(847) 956-0666



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com