Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4872 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4872
Description  High Current Boost Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4872 Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4872 Datasheet HTML 1Page - Micro Linear Corporation ML4872 Datasheet HTML 2Page - Micro Linear Corporation ML4872 Datasheet HTML 3Page - Micro Linear Corporation ML4872 Datasheet HTML 4Page - Micro Linear Corporation ML4872 Datasheet HTML 5Page - Micro Linear Corporation ML4872 Datasheet HTML 6Page - Micro Linear Corporation ML4872 Datasheet HTML 7Page - Micro Linear Corporation ML4872 Datasheet HTML 8Page - Micro Linear Corporation ML4872 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
ML4872
OUTPUT CAPACITOR
The output capacitor filters the pulses of current from the
switching regulator. Since the switching frequency will
vary with inductance, the minimum output capacitance
required to reduce the output ripple to an acceptable
level will be a function of the inductor used. Therefore, to
maintain an output voltage with less than 100mV of ripple
at full load current, use the following equation:
C
L
V
OUT
OUT
=
™
44
(2)
The output capacitor’s Equivalent Series Resistance (ESR)
and Equivalent Series Inductance (ESL), also contribute to
the ripple. Just after the NMOS transistor, Q1, turns off,
the current in the output capacitor ramps quickly to
between 0.5A and 1.5A. This fast change in current
through the capacitor’s ESL causes a high frequency (5ns)
spike to appear on the output. After the ESL spike settles,
the output still has a ripple component equal to the
inductor discharge current times the ESR. To minimize
these effects, choose an output capacitor with less than
10nH of ESL and 100m
W of ESR.
Suitable tantalum capacitors can be obtained from the
following vendors:
AVX
(207) 282-5111
Kemet
(846) 963-6300
Sprague
(207) 324-4140
Figure 5. Efficiency vs. IOUT Using the Circuit of Figure 8
Figure 4. IOUT vs. VIN Using the Circuit of Figure 8
Figure 6. No Load Input Current vs. VIN
DESIGN CONSIDERATIONS (Continued)
1000
800
600
400
200
0
VIN (V)
1.0
2.0
3.0
5.0
4.0
VOUT = 3.3V
VOUT = 5V
90
80
70
60
IOUT (mA)
1
10
100
1000
VOUT = 3.3V
VOUT = 5V
VIN = 2.4V
90
60
30
0
VIN (V)
1.0
2.0
3.0
5.0
4.0
VOUT = 3.3V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com