Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4872 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4872
Description  High Current Boost Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4872 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4872 Datasheet HTML 1Page - Micro Linear Corporation ML4872 Datasheet HTML 2Page - Micro Linear Corporation ML4872 Datasheet HTML 3Page - Micro Linear Corporation ML4872 Datasheet HTML 4Page - Micro Linear Corporation ML4872 Datasheet HTML 5Page - Micro Linear Corporation ML4872 Datasheet HTML 6Page - Micro Linear Corporation ML4872 Datasheet HTML 7Page - Micro Linear Corporation ML4872 Datasheet HTML 8Page - Micro Linear Corporation ML4872 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2000
ML4872
High Current Boost Regulator with Shutdown
GENERAL DESCRIPTION
The ML4872 is a continuous conduction boost regulator
designed for DC to DC conversion in multiple cell battery
powered systems. Continuous conduction allows the
regulator to maximize output current for a given inductor.
The maximum switching frequency can exceed 200kHz,
allowing the use of small, low cost inductors. The ML4872
is capable of start-up with input voltages as low as 1.8V
and is available in 5V and 3.3V output versions with an
output voltage accuracy of ±3%.
An integrated synchronous rectifier eliminates the need
for an external Schottky diode and provides a lower
forward voltage drop, resulting in higher conversion
efficiency. In addition, low quiescent battery current and
variable frequency operation result in high efficiency
even at light loads. The ML4872 requires only one
inductor and two capacitors to build a very small
regulator circuit capable of achieving conversion
efficiencies approaching 90%.
The SHDN input allows the user to stop the regulator from
switching and powers down the control circuitry.
BLOCK DIAGRAM
1
FEATURES
s
Guaranteed full load start-up and operation at
1.8V Input
s
Continuous conduction mode for high output current
s
Very low supply current (20µA output referenced) for
micropower operation
s
Pulse frequency modulation and internal synchronous
rectification for high efficiency
s
Maximum switching frequency > 200kHz
s
Minimum external components
s
Low ON resistance internal switching FETs
s
5V and 3.3V output versions
VL2
5
VOUT
6
+
–
VIN
2
SHDN
4
1.25V
START-UP
3
GND
VL1
1
SYNCHRONOUS
RECTIFIER
CONTROL
BOOST
CONTROL
+
–
+
–
8
PWR GND
FEATURING
Extended Commercial
Temperature
Range
-20˚C to 70˚C
for Portable
Handheld
Equipment


Similar Part No. - ML4872

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-3 MICRO-LINEAR-ML4870CS-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-5 MICRO-LINEAR-ML4870CS-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-3 MICRO-LINEAR-ML4870ES-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-5 MICRO-LINEAR-ML4870ES-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
More results

Similar Description - ML4872

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
High Current Boost Regulator
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
High Current Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757_14 Datasheet
1Mb / 20P
Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com