Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4771 Datasheet (PDF) - Micro Linear Corporation

ML4771 Datasheet PDF - Micro Linear Corporation
Part # ML4771
Download  ML4771 Download
File Size   190.23 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Current Boost Regulator

ML4771 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4771 Datasheet PDF - Micro Linear Corporation

Part # ML4771
Download  ML4771 Click to download

File Size   190.23 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Current Boost Regulator

ML4771 Datasheet (HTML) - Micro Linear Corporation


ML4771 Product details

GENERAL DESCRIPTION
The ML4771 is a continuous conduction boost regulator designed for DC to DC conversion in multiple cell battery powered systems. Continuous conduction allows the regulator to maximize output current for a given inductor. The maximum switching frequency can exceed 200kHz, allowing the use of small, low cost inductors. The ML4771 is capable of start-up with input voltages as low as 1.8V, and the output voltage can be set anywhere between 3.0V and 5.5V by an external resistor divider connected to the SENSE pin.

FEATURES
■ Guaranteed full load start-up and operation at 1.8V input
■ Continuous conduction mode for high output current
■ Very low supply current (20µA output referenced) for micropower operation
■ Pulse Frequency Modulation and Internal Synchronous Rectification for high efficiency
■ Maximum switching frequency > 200kHz
■ Minimum external components
■ Low ON resistance internal switching FETs
■ Adjustable output voltage (3.0V to 5.5V)




Similar Part No. - ML4771

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4770CS MICRO-LINEAR-ML4770CS Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4770ES MICRO-LINEAR-ML4770ES Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4775CS MICRO-LINEAR-ML4775CS Datasheet
177Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Shutdown
More results


Similar Description - ML4771

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
High Voltage High Current Boost Regulator
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
High Current Boost Regulator
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
High Current Boost Regulator with Shutdown
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Renesas Technology Corp
ISL91106 RENESAS-ISL91106 Datasheet
206Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com