Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4865 Datasheet (PDF) - Micro Linear Corporation

ML4865 Datasheet PDF - Micro Linear Corporation
Part # ML4865
Download  ML4865 Download
File Size   234.48 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Voltage High Current Boost Regulator

ML4865 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4865 Datasheet PDF - Micro Linear Corporation

Part # ML4865
Download  ML4865 Click to download

File Size   234.48 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Voltage High Current Boost Regulator

ML4865 Datasheet (HTML) - Micro Linear Corporation


ML4865 Product details

GENERAL DESCRIPTION
The ML4865 is a high voltage, continuous conduction boost regulator designed for DC to DC conversion in multiple cell battery powered systems. Continuous conduction allows the regulator to maximize output current for a given inductor. The maximum switching frequency can exceed 200kHz, allowing the use of small, low cost inductors. The ML4865 is capable of start-up with input voltages as low as 1.8V and generates a 12V output with output voltage accuracy of ±4%.
   
FEATURES
■ Guaranteed full load start-up and operation at 1.8V
    input
■ Continuous conduction mode for high output current
■ Very low quiescent current
■ Pulse frequency modulation and internal synchronous
    rectification for high efficiency
■ Maximum switching frequency > 200kHz
■ Minimum external components
■ Low ON resistance internal switching FETs
■ Fixed 12V output can be adjusted to lower output
    voltages
   




Similar Part No. - ML4865

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
ML4865CS-2 FAIRCHILD-ML4865CS-2 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
More results


Similar Description - ML4865

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
High Current Boost Regulator
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
High Current Boost Regulator
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
High Current Boost Regulator with Shutdown
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
RICOH electronics devic...
R1152N RICOH-R1152N Datasheet
411Kb / 21P
High Input Voltage Tolerant Boost Voltage Regulator
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com