Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4446 Datasheet (PDF) - Exar Corporation

SP4446 Datasheet PDF - Exar Corporation
Part # SP4446
Download  SP4446 Download
File Size   262.92 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Output Voltage Boost Regulator LCD Bias Regulator

SP4446 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP4446 Datasheet PDF - Exar Corporation

Part # SP4446
Download  SP4446 Click to download

File Size   262.92 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Output Voltage Boost Regulator LCD Bias Regulator

SP4446 Datasheet (HTML) - Exar Corporation


SP4446 Product details

DESCRIPTION
The SP4446 is a micro power Boost Regulator in a 5-lead SOT-23 package. It is a current limited, fixed off-time regulator configured for use in boost mode applications. The operating voltage can be less than 3Volts and is capable of generating voltages as high as 30Volts.
The SP4446 is available in a Lead Free, RoHS compliant package and permits the construction of complete regulators that occupy < 0.2 square inches of board space.

FEATURES
■ High Output Voltage: Up to 30V
■ High Efficiency
■ Low Quiescent Current: ~20uA
■ Single Battery Cell Operation
■ Programmable Output Voltage
■ 1Ω Switch (150mV at 150mA)
■ Lead Free, RoHS Compliant Package: 5 Pin SOT-23

APPLICATIONS
■ LCD Bias
■ Tuner Pin Voltage
■ White LED Driver
■ High Voltage Bias
■ Digital Cameras
■ Cell Phone
■ Battery Backup
■ Handheld Computers




Similar Part No. - SP4446

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
SP4446 SIPEX-SP4446 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
SP4446EB SIPEX-SP4446EB Datasheet
104Kb / 4P
Evaluation Board Manual
SP4446EK SIPEX-SP4446EK Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
SP4446EK SIPEX-SP4446EK Datasheet
104Kb / 4P
Evaluation Board Manual
More results


Similar Description - SP4446

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
High Voltage High Current Boost Regulator
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
Triple Output Boost - LED Driver / LCD Bias
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
Sipex Corporation
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745_06 Datasheet
401Kb / 16P
Triple Output Boost ??LED Driver / LCD Bias
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com