Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4446 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP4446
Description  High Output Voltage Boost Regulator LCD Bias Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP4446 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP4446 Datasheet HTML 2Page - Exar Corporation SP4446 Datasheet HTML 3Page - Exar Corporation SP4446 Datasheet HTML 4Page - Exar Corporation SP4446 Datasheet HTML 5Page - Exar Corporation SP4446 Datasheet HTML 6Page - Exar Corporation SP4446 Datasheet HTML 7Page - Exar Corporation SP4446 Datasheet HTML 8Page - Exar Corporation SP4446 Datasheet HTML 9Page - Exar Corporation SP4446 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Mar28-08
SP4446 High Output Voltage Boost Regulator, LCD Bias Regulator
© 2008 Exar Corporation
VOUT (AC)
IOUT (5mA/DIV)
VSW
VOUT (AC)
IL (0.1A/DIV)
VSW
VIN
VOUT
IIN (100mA/DIV)
Figure 19. Startup Waveform (VIN=3.3V, VOUT=20V,
IOUT=2mA)
Figure 20. Typical Switching Waveforms (VIN=3.3V,
VOUT=20V, IOUT=5mA)
Figure 21. Load Step Transient (VIN=3.3V, VOUT=20V,
1O=100µA∼5mA)
Figure 16. IPK Current Limit vs. VIN
Figure 17. Feedback Voltage vs. Temperature
0
50
100
150
200
250
1
2
3
4
5
6
7
8
Input Voltage (V)
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-40
-15
10
35
60
85
Temperature (C)
PERFORMANCE CHARACTERISTICS
Refer to the typical application circuit, TAMB = 25°C, unless otherwise specified.
Figure 18. Switch Saturation Voltage VCESAT vs.
Temperature (ISW=50mA)
0
10
20
30
40
50
60
-40
-15
10
35
60
85
Temperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com