Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4865 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4865
Description  High Voltage High Current Boost Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4865 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4865 Datasheet HTML 1Page - Micro Linear Corporation ML4865 Datasheet HTML 2Page - Micro Linear Corporation ML4865 Datasheet HTML 3Page - Micro Linear Corporation ML4865 Datasheet HTML 4Page - Micro Linear Corporation ML4865 Datasheet HTML 5Page - Micro Linear Corporation ML4865 Datasheet HTML 6Page - Micro Linear Corporation ML4865 Datasheet HTML 7Page - Micro Linear Corporation ML4865 Datasheet HTML 8Page - Micro Linear Corporation ML4865 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ML4865
4
Figure 1. Application Test Circuit
Figure 2. PFM Regulator Detailed Block Diagram
Figure 3. Inductor Current and Voltage Waveforms
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
IL
0
VL
IL(MAX)
ISET
VOUT
0
VL2
L1
Q2
A2
Q1
8
+
–
VOUT
VOUT
6
C1
R1
R2
+
–
2.42V
VIN
A3
+
–
BOOST
CONTROL
SHUTDOWN
CONTROL
7
SHDN
VL1
4
VIN
3
150m
Ω
+
–
A1
1
SENSE
Q3
ISET
FEEDBACK
CONTROL
ML4865
IOUT
100µF
100µF
VIN
27µH
(Sumida CD75)
SENSE
GND
VIN
VL1
VOUT
SHDN
VL2
PWR GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com