Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4865 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4865
Description  High Voltage High Current Boost Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4865 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4865 Datasheet HTML 1Page - Micro Linear Corporation ML4865 Datasheet HTML 2Page - Micro Linear Corporation ML4865 Datasheet HTML 3Page - Micro Linear Corporation ML4865 Datasheet HTML 4Page - Micro Linear Corporation ML4865 Datasheet HTML 5Page - Micro Linear Corporation ML4865 Datasheet HTML 6Page - Micro Linear Corporation ML4865 Datasheet HTML 7Page - Micro Linear Corporation ML4865 Datasheet HTML 8Page - Micro Linear Corporation ML4865 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ML4865
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = Operating Voltage Range, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
IIN
VIN Current
SHDN = 0 or VIN
10
25
µA
VOUT Quiescent Current
VOUT = VOUT(MAX) + 5%
20
30
µA
VL Quiescent Current
0V < VL2 < VOUT
–1
1
µA
PFM REGULATOR
IL(PEAK)
IL Peak Current
VIN = 5V
0.8
1.2
1.6
A
VOUT
Output Voltage
See Figure 1
VIN = 5V, SENSE = open, IOUT = 0
11.72
12.1
12.48
V
Load Regulation
See Figure 1
VIN = 2.4V, IOUT = 40mA
11.52
12.0
V
VIN = 5V, IOUT = 160mA
11.52
12.0
V
FEEDBACK
Threshold Voltage
2.38
2.42
2.48
V
Input Bias Current
–150
150
nA
SHUTDOWN
Threshold Voltage
VSHDN = high to low
0.4
0.8
1.6
V
Input Bias Current
–150
150
nA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Voltage on any Pin ......................... GND – 0.3V to 16.5V
Peak Switch Current (IPEAK) ......................................... 2A
Average Switch Current (IAVG) ..................................... 1A
Junction Temperature .............................................. 150ºC
Storage Temperature Range ...................... –65ºC to 150ºC
Lead Temperature (Soldering, 10 sec) ..................... 150ºC
Thermal Resistance (
qJA) .................................... 160ºC/W
OPERATING CONDITIONS
Temperature Range
ML4865CS-2 .............................................. 0ºC to 70ºC
ML4865ES-2 ............................................ –20ºC to 70ºC
VIN Voltage Range
Without external rectifier ............................ 1.8V to 6V
With external rectifier ................................ 1.8V to 10V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com