Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4851 Datasheet (PDF) - Micro Linear Corporation

ML4851 Datasheet PDF - Micro Linear Corporation
Part # ML4851
Download  ML4851 Download
File Size   286.96 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Low Current, Voltage Boost Regulator

ML4851 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4851 Datasheet PDF - Micro Linear Corporation

Part # ML4851
Download  ML4851 Click to download

File Size   286.96 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Low Current, Voltage Boost Regulator

ML4851 Datasheet (HTML) - Micro Linear Corporation


ML4851 Product details

GENERAL DESCRIPTION
The ML4851 is a low power boost regulator designed for DC to DC conversion in 1 to 3 cell battery powered systems. The maximum switching frequency can exceed 100kHz, allowing the use of small, low cost inductors.
The combination of BiCMOS process technology, internal synchronous rectification, variable frequency operation, and low supply current make the ML4851 ideal for 1 cell applications. The ML4851 is capable of start-up with input voltages as low as 1V and is available in 5V and 3.3V output versions with output voltage accuracy of ±3%.
An integrated synchronous rectifier eliminates the need for an external Schottky diode and provides a lower forward voltage drop, resulting in higher conversion efficiency. In addition, low quiescent battery current and variable frequency operation result in high efficiency even at light loads. The ML4851 requires only one inductor and two capacitors to build a very small regulator circuit capable of achieving conversion efficiencies in excess of 90%.
The circuit also contains a RESET output which goes low when the IC can no longer function due to low input voltage, or when the DETECT input drops below 200mV.

FEATURES
■ Guaranteed full load start-up and operation at 1V input
■ Maximum switching frequency > 100kHz
■ Pulse Frequency Modulation (PFM) and internal
   synchronous rectification for high efficiency
■ Minimum external components
■ Low ON resistance internal switching FETs
■ Micropower operation
■ 5V and 3.3V output versions




Similar Part No. - ML4851

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ML485 WJCI-ML485 Datasheet
284Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G Datasheet
459Kb / 9P
1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-PCB TRIQUINT-ML485-PCB Datasheet
299Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
More results


Similar Description - ML4851

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
High Current Boost Regulator
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
High Voltage High Current Boost Regulator
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
High Current Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
logo
Semtech Corporation
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
SC121 SEMTECH-SC121 Datasheet
335Kb / 23P
Low Voltage Synchronous Boost Regulator
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com