Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet (PDF) - Semtech Corporation

SC121 Datasheet PDF - Semtech Corporation
Part # SC121
Download  SC121 Download
File Size   335.11 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Voltage Synchronous Boost Regulator

SC121 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC121 Datasheet PDF - Semtech Corporation

Part # SC121
Download  SC121 Click to download

File Size   335.11 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Voltage Synchronous Boost Regulator

SC121 Datasheet (HTML) - Semtech Corporation


SC121 Product details

Description

The SC121 is a high efficiency, low noise, synchronous step-up DC-DC converter that provides boosted voltage levels in low-voltage handheld applications. The wide input voltage range allows use in systems with single NiMH or alkaline battery cells as well as in systems with higher voltage battery supplies. It features an internal 1.2A switch and synchronous rectifi er to achieve up to 94% efficiency and to eliminate the need for an external Schottky diode. The output voltage can be set to 3.3V with internal feedback, or to any voltage within the specified range using a standard resistor divider.



Features

■ Input voltage — 0.7V to 4.5V

■ Minimum start-up voltage — 0.85V

■ Output voltage — fixed at 3.3V; adjustable from 1.8V to 5.0V

■ Peak input current limit — 1.2A

■ Output current at 3.3 VOUT — 80mA with VIN = 1.0V, 190mA with VIN = 1.5V

■ Forced PWM operation at all loads

■ Efficiency up to 94%

■ Internal synchronous rectifier

■ No forward conduction path during shutdown

■ Switching frequency — 1.2MHz

■ Soft-start startup current limiting

■ Shutdown current — 0.1μA (typ)

■ Ultra-thin 1.5 × 2.0 × 0.6 (mm) MLPD-UT-6 package

■ Lead-free and halogen-free

■ WEEE and RoHS compliant





Applications

■ MP3 players

■ Smart phones and cellular phones

■ Palmtop computers and handheld instruments

■ PCMCIA cards and memory cards

■ Digital cordless phones

■ Personal medical products

■ Wireless VoIP phones

■ Small motors



 




Similar Part No. - SC121

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC121 SILAN-SC121 Datasheet
621Kb / 9P
LI BATTERY PROTECTION CIRCUIT
logo
Semtech Corporation
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
logo
Socay Electornics Co., ...
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
logo
Bel Fuse Inc.
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
logo
Littelfuse
SC1210-01ETG LITTELFUSE-SC1210-01ETG Datasheet
760Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
Revised: 04/27/21
More results


Similar Description - SC121

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
Low Voltage Synchronous Boost Converter
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
Low Voltage Synchronous Boost Converter
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
Synchronous Boost Regulator
logo
Linear Technology
LT8390EUFD LINER-LT8390EUFD Datasheet
790Kb / 10P
60V Low EMI Synchronous 4-Switch Buck-Boost Voltage Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com