Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1210 Datasheet (PDF) - Semtech Corporation

SC1210 Datasheet PDF - Semtech Corporation
Part # SC1210
Download  SC1210 Download
File Size   158.06 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Speed, 12 V, Synchronous Power MOSFET Driver

SC1210 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1210 Datasheet PDF - Semtech Corporation

Part # SC1210
Download  SC1210 Click to download

File Size   158.06 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Speed, 12 V, Synchronous Power MOSFET Driver

SC1210 Datasheet (HTML) - Semtech Corporation


SC1210 Product details

Description

The SC1210 is a high speed, dual output driver designed to drive high-side and low-side MOSFETs in a synchronous Buck converter. These drivers can work with many Semtech PWM controllers to provide a cost effective multi-phase voltage regulator for advanced microprocessors.



Features

♦ High efficiency

♦ +12V supply voltage with internal LDO for optimum gate drive

♦ High peak drive current

♦ Adaptive non-overlapping gate drives provide shoot-through protection

♦ Fast rise and fall times (15ns typical with 3000pf load)

♦ Ultra-low (<30ns) propagation delay (BG going low)

♦ Floating top gate drive

♦ Crowbar function for over voltage protection

♦ High frequency (to 1.5 MHz) operation allows use of small inductors and low cost ceramic capacitors

♦ Under-voltage-lockout

♦ Low quiescent current





Applications

♦ Intel Pentium™ processor power supplies

♦ AMD Athlon™ and K8™ processor power supplies

♦ High current low voltage DC-DC converters



 




Similar Part No. - SC1210

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
logo
Bel Fuse Inc.
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
logo
Littelfuse
SC1210-01ETG LITTELFUSE-SC1210-01ETG Datasheet
760Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
Revised: 04/27/21
logo
Bel Fuse Inc.
SC1210-100 BEL-SC1210-100 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210-101 BEL-SC1210-101 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results


Similar Description - SC1210

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
logo
ON Semiconductor
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
logo
Semtech Corporation
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com