Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1405 Datasheet (PDF) - Semtech Corporation

SC1405 Datasheet PDF - Semtech Corporation
Part # SC1405
Download  SC1405 Download
File Size   133.92 Kbytes
Page   12 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER

SC1405 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1405 Datasheet PDF - Semtech Corporation

Part # SC1405
Download  SC1405 Click to download

File Size   133.92 Kbytes
Page   12 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER

SC1405 Datasheet (HTML) - Semtech Corporation


SC1405 Product details

DESCRIPTION
The SC1405 is a Dual-MOSFET Driver with an internal Overlap Protection Circuit to prevent shoot-through from VIN to GND in the main switching and synchronous MOSFET’s. Each driver is capable of driving a 3000pF load in 20ns rise/fall time and has ULTRAFAST propagation delay from input transition to the gate of the power FET’s.

FEATURES
• Fast rise and fall times (20ns typical with 3000pf load)
• 20ns max. Propagation delay (BG going low)
• Adaptive/programmable shoot-through protection
• Wide input voltage range (4.5-25V)
• Programmable delay between MOSFET’s
• Power saving asynchronous mode control
• Output overvoltage protection/overtemp shutdown
• Under-Voltage lock-out and power ready signal
• Less than 10µA stand-by current (ENlow)
• Power ready output signal

APPLICATIONS
• High Density/Fast transient power supplies
• Motor Drives/Class-D amps
• High frequency (to 1.2 MHz) operation allows use of small inductors and low cost caps in place of electrolytics
• Portable computers




Similar Part No. - SC1405

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
SC1405BTS.TR SEMTECH-SC1405BTS.TR Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
SC1405DITSTRT SEMTECH-SC1405DITSTRT Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
More results


Similar Description - SC1405

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com