Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1405 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1405
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1405 Datasheet HTML 1Page - Semtech Corporation SC1405 Datasheet HTML 2Page - Semtech Corporation SC1405 Datasheet HTML 3Page - Semtech Corporation SC1405 Datasheet HTML 4Page - Semtech Corporation SC1405 Datasheet HTML 5Page - Semtech Corporation SC1405 Datasheet HTML 6Page - Semtech Corporation SC1405 Datasheet HTML 7Page - Semtech Corporation SC1405 Datasheet HTML 8Page - Semtech Corporation SC1405 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SC1405
HIGH SPEED SYNCHRONOUS POWER
MOSFET SMART DRIVER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
August 31, 2000
2
NOTE:
(1) Specification refers to application circuit in Figure 1.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Maximum
Units
V
CC Supply Voltage
V
MAX5V
7V
BST to PGND
VMAX
BST-PGND
30
V
BST to DRN
VMAX
BST-DRN
7V
DRN to PGND
VMAX
DRN-PGN
25
V
OVP_S to PGND
VMAX
OVP_S-PGND
10
V
Input pin
CO
-0.3 to 7.3
V
Continuous Power Dissipation
Pd
Tamb = 25°C, T
J = 125°C
Tcase = 25°C, T
J = 125°C
0.66
2.56
W
Thermal Resistance Junction to Case
θ
JC
40
°C/W
Thermal Resistance Junction to Ambient
θ
JA
150
°C/W
Operating Temperature Range
T
J
0 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 sec
T
LEAD
300
°C
ELECTRICAL CHARACTERISTICS (DC OPERATING SPECIFICATIONS)
Unless specified: -0 <
θ
J < 125°C; VCC = 5V; 4V < VBST < 26V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
V
CC
V
CC
4.15
5
6.0
V
Quiescent Current
Iq_stby
EN = 0V
10
µA
Quiescent Current, operating
Iq_op
V
CC = 5V,CO=0V
1
ma
PRDY
High Level Output Voltage
V
OH
V
CC = 4.6V, lload = 10mA
4.5
4.55
V
Low Level Output Voltage
V
OL
V
CC < UVLO threshold, lload =
10µA
0.1
0.2
V
DSPS_DR
High Level Output Voltage
V
OH
V
CC = 4.6V, Cload = 100pF
4.15
V
Low Level Output Voltage
V
OL
V
CC = 4.6V, Cload = 100pF
0.05
V
UNDER-VOLTAGE LOCKOUT
Start Threshold
V
START
4.2
4.4
4.6
V
Hysteresis
Vhys
UVLO
0.05
V
Logic Active Threshold
V
ACT
EN is low
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com