Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1405 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1405
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1405 Datasheet HTML 4Page - Semtech Corporation SC1405 Datasheet HTML 5Page - Semtech Corporation SC1405 Datasheet HTML 6Page - Semtech Corporation SC1405 Datasheet HTML 7Page - Semtech Corporation SC1405 Datasheet HTML 8Page - Semtech Corporation SC1405 Datasheet HTML 9Page - Semtech Corporation SC1405 Datasheet HTML 10Page - Semtech Corporation SC1405 Datasheet HTML 11Page - Semtech Corporation SC1405 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SC1405
HIGH SPEED SYNCHRONOUS POWER
MOSFET SMART DRIVER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
August 31, 2000
8
BILL OF MATERIAL
Item Qty
Reference
Value
Manufacturer
1
14
C1,C6,C10,C15,C17,C20,C21,C24,C25,C29,C30,C33,C34,C38
22u, 10V
Murata
(GRM235Y5V226Z010)
2
19
C2,C3,C4,C5,C7,C9,C14,C18,C22,C23,C27,C31,C32,C35,C40,
C41,C47,C49,C50
.1uF
any
3
1
C8
10uF, 6.3V
any
4
2
C11,C12
1uF, 16V
any
5
1
C13
330uf, 16V
Sanyo
6
4
C16,C26,C37,C44
44pF
any
7
3
C19,C28,C36
10uF, 16V
any
8
2
C39,C51
1000uF, 6.3V
any
9
3
C42,C45,C46
.01uf
any
10
1
C43
.022
Avx, any
11
1
C46
.001
Avx, any
12
4
D1,D2,D3,D4
SS12
General Instruments
13
4
D5,D6,D7,D8
30BQ015
Int. Rectifier
(310) 252-7099
14
2
JMP1,JMP2
Jumper
15
1
J1
Input
16
4
L1,L3,L5,L7
.87uh
Falco, P/N: TO2509
(305) 662-9076
17
5
Q1,Q3,Q5,Q6,Q7
FDP6035
Fairchild Semi.
(408) 822-2000
IR7811
Int. Rectifier
18
3
Q2,Q4,Q8
FDB7030
Fairchild Semi.
19
2
R1,R21
10
any
20
10
R2,R3,R10,R12,R14,R16,R17,R19,R23,R32
0
any
21
5
R4,R5,R6,R7,R33
10k
any
22
4
R8,R9,R11,R13
22
any
23
1
R15
3k
any
24
1
R18
3.92k
any
25
1
R20
2.2k
any
26
1
R22
15K
any
27
1
R24
300K
any
28
1
R25
2.2
any
29
2
R26,R27
TBD
any
30
4
R28,R29,R30,R31
4.7
any
31
1
S1
Vout/Clk switch
Digikey
32
4
U1,U3,U4,U5
SC1405
Semtech, (805) 499-2111
33
1
U2
SC1144CSW
Semtech, (805) 499-2111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com