Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1405 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1405
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1405 Datasheet HTML 1Page - Semtech Corporation SC1405 Datasheet HTML 2Page - Semtech Corporation SC1405 Datasheet HTML 3Page - Semtech Corporation SC1405 Datasheet HTML 4Page - Semtech Corporation SC1405 Datasheet HTML 5Page - Semtech Corporation SC1405 Datasheet HTML 6Page - Semtech Corporation SC1405 Datasheet HTML 7Page - Semtech Corporation SC1405 Datasheet HTML 8Page - Semtech Corporation SC1405 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SC1405
HIGH SPEED SYNCHRONOUS POWER
MOSFET SMART DRIVER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
August 31, 2000
4
ELECTRICAL CHARACTERISTICS (DC OPERATING SPECIFICATIONS) Cont.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC OPERATING SPECIFICATIONS
HIGH-SIDE DRIVER
rise time
tr
TG,
CI = 3nF, V
BST - VDRN = 4.6V,
16
25
ns
fall time
tf
TG
CI = 3nF, V
BST - VDRN = 4.6V,
17
27
ns
propagation delay time,
TG going high
tpdh
TG
CI = 3nF, V
BST - VDRN = 4.6V,
C-delay=0
35
56
ns
propagation delay time,
TG going low
tpdl
TG
CI = 3nF, V
BST - VDRN = 4.6V,
25
40
ns
LOW-SIDE DRIVER
rise time
tr
BG
CI = 3nF, V
V_5 = 4.6V,
20
32
ns
fall time
tr
BG
CI = 3nF, V
V_5 = 4.6V,
18
29
ns
propagation delay time
BG going high
tpdh
BGHI
CI = 3nF, V
V_5 = 4.6V,
DRN < 1V
45
72
ns
progagation delay time
BG going low
tpdl
BG
CI = 3nF, V
V_5 = 4.6V,
12
20
ns
UNDER-VOLTAGE LOCKOUT
V_5 ramping up
tpdh
UVLO
EN is High
10
us
V_5 ramping down
tpdl
UVLO
EN is High
10
us
PRDY
EN is transitioning from low to
high
tpdhPRDY
V_5 > UVLO threshold, Delay
measured from EN > 2.0V to
PRDY > 3.5V
10
µs
EN is transitioning from high to
low
tpdh
UVLO
V_5 > UVLO threshold. Delay
measured from EN < 0.8V tp
PRDY < 10% of V_5
500
µs
DSPS_DR
rise/fall time
tr
DSPS_DR,
tf
DSPS_DR
CI = 100pf, V_5 = 4.6V,
20
ns
propagation delay,
DSPS_DR going high
tpdh
DSPS_DR
S_MOD goes high and
BG goes high or S_MOD goes low
10
ns
propagation delay
DSPS_DR goes low
tpdl
DSPS_DR
S_MOD goes high and BG goes
low
10
ns
OVERVOLTAGE PROTECTION
propagation delay
OVP_S going high
tpdh
OVP_S
V_5 = 4.6V, T
J = 125°C, OVP_S >
1.2V to BG > 90% of V_5
1µs
Note:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com