Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1405 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1405
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1405 Datasheet HTML 1Page - Semtech Corporation SC1405 Datasheet HTML 2Page - Semtech Corporation SC1405 Datasheet HTML 3Page - Semtech Corporation SC1405 Datasheet HTML 4Page - Semtech Corporation SC1405 Datasheet HTML 5Page - Semtech Corporation SC1405 Datasheet HTML 6Page - Semtech Corporation SC1405 Datasheet HTML 7Page - Semtech Corporation SC1405 Datasheet HTML 8Page - Semtech Corporation SC1405 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SC1405
HIGH SPEED SYNCHRONOUS POWER
MOSFET SMART DRIVER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
August 31, 2000
3
ELECTRICAL CHARACTERISTICS (DC OPERATING SPECIFICATIONS) Cont.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OVERVOLTAGE PROTECTION
Trip Threshold
V
TRIP
1.145
1.2
1.255
V
Hysteresis
Vhys
OVP
0.8
V
S_MOD
High Level Input Voltage
V
IH
2.0
V
Low Level Input Voltage
V
IL
0.8
V
ENABLE
High Level Input Voltage
V
IH
2.0
V
Low Level Input Voltage
V
IL
0.8
V
CO
High Level Input Voltage
V
IH
2.0
V
Low Level Input Voltage
V
IL
0.8
V
THERMAL SHUTDOWN
Over Temperature Trip Point
T
OTP
165
°C
Hysteresis
T
HYST
10
°C
HIGH-SIDE DRIVER
Peak Output Current
I
PKH
1.5
A
Output Resistance
Rsrc
TG
Rsink
TG
duty cycle < 2%, tpw < 100µs,
T
J = 125°C, VBST - VDRN = 4.5V,
V
TG = 4.0V (src)+VDRN
or V
TG = 0.5V (sink)+VDRN
1.4
1.4
Ω
Ω
LOW-SIDE DRIVER
Peak Output Current
I
PKL
2A
Output Resistance
Rsrc
BG
Rsink
BG
duty cycle < 2%, tpw < 100µs,
T
J = 125°C
V
V_5 = 4.6V, VBG = 4V (src),
or V
LOWDR = 0.5V (sink)
2
2
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com