Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1205CS Datasheet (PDF) - Samtec, Inc

SC1205CS Datasheet PDF - Samtec, Inc
Part # SC1205CS
Download  SC1205CS Download
File Size   255.84 Kbytes
Page   12 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description High Speed Synchronous Power MOSFET Driver

SC1205CS Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1205CS Datasheet PDF - Samtec, Inc

Part # SC1205CS
Download  SC1205CS Click to download

File Size   255.84 Kbytes
Page   12 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description High Speed Synchronous Power MOSFET Driver

SC1205CS Datasheet (HTML) - Samtec, Inc


SC1205CS Product details

Description

The SC1205 is a cost effective Dual MOSFET Driver designed for switching High and Low side Power MOSFETs. Each driver is capable of driving a 3000pF load in 20ns max rise/fall time and has a 20ns max propagation delay from input transition to the gate of the power FET’s. An internal Overlap Protection circuit prevents shoot through from Vin to GND in the main and synchronous MOSFET’s. The Adaptive Overlap Protection circuit ensures the Bottom FET does not turn on until the Top FET source has reached a voltage low enough to prevent cross-conduction.



Features

♦ Fast rise and fall times (15ns typical with 3000pf load)

♦ 3 Amp peak drive current

♦ 14ns max Propagation delay (BG going low)

♦ Adaptive Non-overlapping Gate Drives provide shoot-through protection

♦ Floating top drive switches up to 25V

♦ Under-Voltage lock-out

♦ Overtemperature protection

♦ Less than 10µA supply current when EN is low

♦ Low cost



Applications

♦ High Density sunchronous power supplies

♦ Motor Drives/Class-D amps/Half bridge drivers

♦ High frequency (to 1.2 MHz) operation allows use of small inductors and low cost caps in place of electrolytics

♦ High efficiency portable computers

♦ Battery powered applications



 




Similar Part No. - SC1205CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1205CS SEMTECH-SC1205CS Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205CS.TR SEMTECH-SC1205CS.TR Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
SC1205CSTRT SEMTECH-SC1205CSTRT Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results


Similar Description - SC1205CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com