Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1205CS Datasheet(PDF) 8 Page - Samtec, Inc

Part # SC1205CS
Description  High Speed Synchronous Power MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC1205CS Datasheet(HTML) 8 Page - Samtec, Inc

Back Button SC1205CS Datasheet HTML 4Page - Samtec, Inc SC1205CS Datasheet HTML 5Page - Samtec, Inc SC1205CS Datasheet HTML 6Page - Samtec, Inc SC1205CS Datasheet HTML 7Page - Samtec, Inc SC1205CS Datasheet HTML 8Page - Samtec, Inc SC1205CS Datasheet HTML 9Page - Samtec, Inc SC1205CS Datasheet HTML 10Page - Samtec, Inc SC1205CS Datasheet HTML 11Page - Samtec, Inc SC1205CS Datasheet HTML 12Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1205
Proper layout will guarantee minimum ringing and elimi-
nate the need for external components. Use of SO-8 or
other surface mount MOSFETs while increasing thermal
resistance, will reduce lead inductance as well as radi-
ated EMI.
Applications Information (Cont.)
Over Temp Shutdown
The SC1205 will shutdown by pulling both driver if its
junction temperature, T
J, exceeds 165 °C.
Typical Performance Plots
Figure 1: PWM input and Gate drive switch-
ing waveforms. The MOSFETs driven are
FDB7030BL . See Figure 4 (Evaluation Board
Schematic)
Ch1: PWM input signal
Ch2: Top Gate Drive
Ch3: Phase (Switching) Node
Ch4: Bottom Gate
Figure 2: PWM input and Gate drive and
phase node switching waveforms with time
scale expanded. The MOSFETs driven are
FDB7030BL . See Figure 4 (Evaluation
Board Schematic)
Ch1: PWM input signal
Ch2: Top Gate Drive
Ch3: Phase (Switching) Node
Ch4: Bottom Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com