Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1205CS Datasheet(PDF) 2 Page - Samtec, Inc

Part # SC1205CS
Description  High Speed Synchronous Power MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC1205CS Datasheet(HTML) 2 Page - Samtec, Inc

  SC1205CS Datasheet HTML 1Page - Samtec, Inc SC1205CS Datasheet HTML 2Page - Samtec, Inc SC1205CS Datasheet HTML 3Page - Samtec, Inc SC1205CS Datasheet HTML 4Page - Samtec, Inc SC1205CS Datasheet HTML 5Page - Samtec, Inc SC1205CS Datasheet HTML 6Page - Samtec, Inc SC1205CS Datasheet HTML 7Page - Samtec, Inc SC1205CS Datasheet HTML 8Page - Samtec, Inc SC1205CS Datasheet HTML 9Page - Samtec, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1205
Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
tl
o
V
y
l
p
p
u
SV
W
S
X
A
M
I
7V
D
N
G
P
o
t
T
S
BX
A
M
V
D
N
G
P
-
T
S
B
0
3V
N
R
D
o
t
T
S
BX
A
M
V
N
R
D
-
T
S
B
7V
D
N
G
P
o
t
N
R
DX
A
M
V
N
G
P
-
N
R
D
5
2
o
t
2
-V
e
s
l
u
P
D
N
G
P
o
t
N
R
DX
A
M
V
E
S
L
U
P
t
E
S
L
U
P
s
n
0
0
1
<5
2
o
t
5
-V
D
N
G
P
o
t
S
_
P
V
OX
A
M
V
D
N
G
P
-
S
P
V
O
0
1V
n
i
P
t
u
p
n
IO
C3
.
7
o
t
3
.
0
-V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
s
u
o
u
n
it
n
o
Cd
PT
,
C
°
5
2
=
b
m
a
T
J
C
°
5
2
1
=
T
,
C
°
5
2
=
e
s
a
c
T
J
C
°
5
2
1
=
6
6
.
0
6
5
.
2
W
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
0
4W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
0
5
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
NOTE:
(1) Specification refers to application circuit in Figure 1.
Unless specified: -0 <
θ
J < 125°C; VCC = 5V; 4V < VBST < 26V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
r
e
w
o
P
e
g
a
tl
o
V
y
l
p
p
u
SV
C
C
V
C
C
5
1
.
45
0
.
6V
g
n
it
a
r
e
p
O
,t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Qp
o
_
q
IV
C
C
C
,
V
5
=
O
V
O
=1
A
m
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Qy
b
t
s
_
q
IV
O
=
N
E0
1A
µ
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
d
l
o
h
s
e
r
h
T
t
r
a
t
SV
T
R
A
T
S
2
.
44
.
46
.
4V
s
i
s
e
r
e
t
s
y
Hs
y
h
V
O
L
V
U
5
0
.
0V
d
l
o
h
s
e
r
h
T
e
v
it
c
A
c
i
g
o
LV
T
C
A
5
.
1V
N
E
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
HV
H
I
0
.
2V
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
w
o
LV
L
I
8
.
0V
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com