Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1210 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1210
Description  High Speed, 12 V, Synchronous Power MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1210 Datasheet(HTML) 8 Page - Semtech Corporation

  SC1210 Datasheet HTML 1Page - Semtech Corporation SC1210 Datasheet HTML 2Page - Semtech Corporation SC1210 Datasheet HTML 3Page - Semtech Corporation SC1210 Datasheet HTML 4Page - Semtech Corporation SC1210 Datasheet HTML 5Page - Semtech Corporation SC1210 Datasheet HTML 6Page - Semtech Corporation SC1210 Datasheet HTML 7Page - Semtech Corporation SC1210 Datasheet HTML 8Page - Semtech Corporation SC1210 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1210
the Phase Node during the top FET turn-off due to para-
sitic inductance in the switching loop. The spike could
be minimized with a careful PCB layout. In those applica-
tions with TO-220 package FETs, it is recommended to
use a clamping diode on the DRN pin to mitigate the
impact of the excessive phase node negative spike.
Filters for Supply Power
Filters for Supply Power
Filters for Supply Power
Filters for Supply Power
Filters for Supply Power
For VREG pin of the SC1210, it is recommended to use
a 1uF to 4.7uF, 25V rating ceramic capacitor for
decoupling.
LA
LA
LA
LA
LAYYYYYOUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
The switching regulator is a high di/dt power circuit. Its
Printed Circuit Board (PCB) layout is critical. A good lay-
out can achieve an optimum circuit performance while
minimized the component stress, resulting in better sys-
tem reliability. For a multi-phase voltage regulator, the
SC1210 driver, FETs, inductor, and supply decoupling ca-
pacitors in each phase have to be considered to yield a
proper PCB layout.
For the SC1210 driver, the following guidelines are typi-
cally recommended during PCB layout:
1. Place the SC1210 close to the FETs for shortest gate
drive traces and ground return paths.
2. Connect bypass capacitors as close as possible to
decoupling pins (VREG and VIN) and PGND. The trace
length of the decoupling capacitor on VREG pin should
be no more than 0.2” (5mm).
3. Locate the components of the bootstrap circuit close
to the SC1210.
4. Provide a proper decoupling for the FETs to reduce
the inductive kick seen by the DRN pin.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com