Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC121
Description  Low Voltage Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC121 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC121 Datasheet HTML 4Page - Semtech Corporation SC121 Datasheet HTML 5Page - Semtech Corporation SC121 Datasheet HTML 6Page - Semtech Corporation SC121 Datasheet HTML 7Page - Semtech Corporation SC121 Datasheet HTML 8Page - Semtech Corporation SC121 Datasheet HTML 9Page - Semtech Corporation SC121 Datasheet HTML 10Page - Semtech Corporation SC121 Datasheet HTML 11Page - Semtech Corporation SC121 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SC121
8
Typical Characteristics — V
OUT = 3.3V (continued)
-50
-25
0
25
50
75
100
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
Junction Temperature (
o
C)
FB grounded, L = 4.7μH, I
OUT
= 90mA
-50
-25
0
25
50
75
100
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
Junction Temperature (
o
C)
FB grounded, L = 4.7μH, I
OUT
= 1mA
V
IN
= 2.0V
V
IN
= 2.95V
V
IN
= 1.0V
V
IN
= 2.0V
V
IN
= 2.95V
V
IN
= 1.0V
Temperature Reg. — High Load (V
OUT = 3.3V)
Temperature Reg. — Low Load (V
OUT = 3.3V)
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
50
100
150
200
250
300
350
400
450
500
V
IN
(V)
FB grounded, L = 4.7μH
Max. I
OUT vs. VIN (VOUT = 3.3V)
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com