Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC121
Description  Low Voltage Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC121 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC121 Datasheet HTML 14Page - Semtech Corporation SC121 Datasheet HTML 15Page - Semtech Corporation SC121 Datasheet HTML 16Page - Semtech Corporation SC121 Datasheet HTML 17Page - Semtech Corporation SC121 Datasheet HTML 18Page - Semtech Corporation SC121 Datasheet HTML 19Page - Semtech Corporation SC121 Datasheet HTML 20Page - Semtech Corporation SC121 Datasheet HTML 21Page - Semtech Corporation SC121 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
SC121
18
duty cycle must remain between 20% and 90% for the
device to operate within specification.
Note that startup with a regulated active load is not the
same as startup with a resistive load. The resistive load
output current increases proportionately as the output
voltage rises until it reaches programmed V
OUT
/R
LOAD
, while
a regulated active load presents a constant load as the
output voltage rises from 0V to programmed V
OUT
. Note
also that if the load applied to the output exceeds an
applicable V
OUT
–dependent startup current limit or duty
cycle limit, the criterion to advance to the next startup
stage may not be achieved. In this situation startup may
pause at a reduced output voltage until the load is reduced
further.
Output Overload and Recovery
The PWM steady state duty cycle is determined by
D = 1 – (V
IN
/V
OUT
), but must be somewhat greater in prac-
tice to overcome dissipative losses. As the output load
increases, the dissipative losses also increase. The PWM
controller must increase the duty cycle to compensate.
Eventually, one of two overload conditions will occur,
determined by V
IN
, V
OUT
, and the overall dissipative losses
due to the output load current. Either the maximum duty
cycle of 90% will be reached or the n-channel FET 1.2A
(nominal) peak current limit will be reached, which effec-
tively limits the duty cycle to a lower value. Above that
load, the output voltage will decrease rapidly and in
reverse order the startup current limits will be invoked as
the output voltage falls through its various voltage thresh-
olds. How far the output voltage drops depends on the
load voltage vs. current characteristic.
A reduction in input voltage, such as a discharging battery,
will lower the load current at which overload occurs.
Lower input voltage increases the duty cycle required to
produce a given output voltage. And lower input voltage
also increases the input current to maintain the input
power, which increases dissipative losses and further
increases the required duty cycle. Therefore an increase in
load current or a decrease in input voltage can result in
output overload. Please refer to the Max. I
OUT
vs. V
IN
Typical
Characteristics plots for the condition that best matches
the application.
Once an overload has occurred, the load must be
decreased to permit recovery. The conditions required for
overload recovery are identical to those required for suc-
cessful initial startup.
Component Selection
The SC121 provides optimum performance when a 4.7μH
inductor is used with a 10μF output capacitor. Different
component values can be used to modify input current or
output voltage ripple, improve transient response, or to
reduce component size or cost.
Inductor Selection
The inductance value primarily affects the amplitude of
inductor peak-to-peak current ripple (
ΔI
L
). Reducing
inductance increases
ΔI
L
and raises the inductor peak
current, I
L-max
= I
L-avg
+
ΔI
L
/2, where I
L-avg
is the inductor
current averaged over a full on/off cycle. I
L-max
is subject to
the n-channel FET current limit I
LIM(N)
, therefore reducing
the inductance may lower the output overload current
threshold. Increasing
ΔI
L
also lowers the inductor
minimum current, I
L-min
= I
L-avg
–
ΔI
L
/2, thus raising the load
current threshold below which inductor negative–peak
current becomes zero.
Equating input power to output power and noting that
input current is equal to inductor current, average the
inductor current over a full PWM switching cycle to
obtain
IN
OUT
OUT
avg
L
V
I
V
1
I
where
η is efficiency.
Neglecting the n-channel FET R
DS-ON
and the inductor DCR,
for duty cycle D, and with T = 1/f
osc
,
L
T
D
V
dt
V
L
1
I
IN
DT
0
IN
on
L
This is the change in I
L
during the on-state. During the
off-state, again neglecting the p-channel FET R
DS-ON
and
the inductor DCR,
D
1
L
T
V
V
dt
V
V
L
1
I
OUT
IN
T
DT
OUT
IN
off
L
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com