Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC121
Description  Low Voltage Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC121 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC121 Datasheet HTML 15Page - Semtech Corporation SC121 Datasheet HTML 16Page - Semtech Corporation SC121 Datasheet HTML 17Page - Semtech Corporation SC121 Datasheet HTML 18Page - Semtech Corporation SC121 Datasheet HTML 19Page - Semtech Corporation SC121 Datasheet HTML 20Page - Semtech Corporation SC121 Datasheet HTML 21Page - Semtech Corporation SC121 Datasheet HTML 22Page - Semtech Corporation SC121 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SC121
20
GND
VIN
CIN
SC121
FB
EN
IN
LX
LX
R2
(2
nd layer)
OUT
GND
7.0mm
5.2mm
CFB
R1
VOUT
COUT
Figure 4 — Layout Drawing
PCB Layout Considerations
Poor layout can degrade the performance of the DC-DC
converter and can contribute to EMI problems, ground
bounce, and resistive voltage losses. Poor regulation and
instability can result.
The following simple design rules can be implemented to
ensure good layout:
Place the inductor and filter capacitors as close
to the device as possible and use short wide
traces between the power components.
Route the output voltage feedback path away
from the inductor and LX node to minimize
noise and magnetic interference.
•
•
Maximize ground metal on the component side
to improve the return connection and thermal
dissipation. Separation between the LX node
and GND should be maintained to avoid cou-
pling capacitance between the LX node and the
ground plane.
Use a ground plane with several vias connecting
to the component side ground to further reduce
noise interference on sensitive circuit nodes.
A suggested layout is shown in Figure 4.
•
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com