Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC121
Description  Low Voltage Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC121 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC121 Datasheet HTML 9Page - Semtech Corporation SC121 Datasheet HTML 10Page - Semtech Corporation SC121 Datasheet HTML 11Page - Semtech Corporation SC121 Datasheet HTML 12Page - Semtech Corporation SC121 Datasheet HTML 13Page - Semtech Corporation SC121 Datasheet HTML 14Page - Semtech Corporation SC121 Datasheet HTML 15Page - Semtech Corporation SC121 Datasheet HTML 16Page - Semtech Corporation SC121 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SC121
13
Typical Characteristics (continued)
Time = (400ns/div)
V
OUT
= 3.3V, V
IN
= 1.5V, I
OUT
= 50mA
V
OUT
ripple
(10mV/div)
I
L
(100mA/div)
V
LX
(5V/div)
Time = (100μs/div)
V
OUT
= 3.3V, V
IN
= 1.5V, T
A
=25°C
I
OUT
= 40mA to
140mA
(50mA/div)
V
OUT
(100mV/div)
AC Coupled
Load Transient
PWM Operation
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
20
40
60
80
100
V
IN
(V)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 22pF
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
20
40
60
80
100
120
140
160
V
IN
(V)
R
1
= 931kΩ, R
2
= 294kΩ, L = 4.7μH, C
FB
= 22pF
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
Startup Max Load Current vs. V
IN (Any VOUT)
Startup Min Load Res. vs. V
IN (Any VOUT)
VOUT = 3.3V, IOUT = 1mA
0.6
0.65
0.7
0.75
0.8
0.85
0.9
-40
-20
020
40
60
80
100
Temperature (°C)
Min. Start-up Voltage vs. Temperature (Any V
OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com