Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC121
Description  Low Voltage Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC121 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC121 Datasheet HTML 10Page - Semtech Corporation SC121 Datasheet HTML 11Page - Semtech Corporation SC121 Datasheet HTML 12Page - Semtech Corporation SC121 Datasheet HTML 13Page - Semtech Corporation SC121 Datasheet HTML 14Page - Semtech Corporation SC121 Datasheet HTML 15Page - Semtech Corporation SC121 Datasheet HTML 16Page - Semtech Corporation SC121 Datasheet HTML 17Page - Semtech Corporation SC121 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SC121
14
Pin Descriptions
MLPD Pin #
Pin Name
Pin Function
1
LX
Switching node — connect an inductor from the input supply to this pin.
2
GND
Signal and power ground.
3IN
Battery or supply input — requires an external 10μF bypass capacitor (capacitance evaluated while under
V
IN
bias) for normal operation.
4
EN
Enable digital control input — active high.
5FB
Feedback input — connect to GND for preset 3.3V output. A voltage divider is connected from OUT to GND
to adjust output from 1.8V to 5.0V.
6
OUT
Output voltage pin — requires an external 10μF bypass capacitor (capacitance evaluated while under V
OUT
bias) for normal operation.
T
Thermal
Pad
Thermal Pad is for heat sinking purposes — connect to ground plane using multiple vias — not connected
internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com