Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC121
Description  Low Voltage Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC121 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC121 Datasheet HTML 15Page - Semtech Corporation SC121 Datasheet HTML 16Page - Semtech Corporation SC121 Datasheet HTML 17Page - Semtech Corporation SC121 Datasheet HTML 18Page - Semtech Corporation SC121 Datasheet HTML 19Page - Semtech Corporation SC121 Datasheet HTML 20Page - Semtech Corporation SC121 Datasheet HTML 21Page - Semtech Corporation SC121 Datasheet HTML 22Page - Semtech Corporation SC121 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
SC121
19
Note that this is a negative quantity, since V
OUT
> V
IN
and
0 < D < 1. For a constant load in steady-state, the inductor
current must satisfy
ΔI
L-on
+
ΔI
L-off
= 0. Substituting the two
expressions and solving for D, obtain D = 1 – V
IN
/V
OUT
.
Using this expression, and the positive valued expression
ΔI
L
=
ΔI
L-on
for current ripple amplitude, obtain expanded
expression for I
L-max
and I
L-min
.
IN
OUT
OUT
IN
IN
OUT
OUT
max,min
L
V
V
V
V
L
2
T
V
I
V
I
From this result, obtain an alternative expression for
ΔI
L
.
IN
OUT
OUT
IN
min
L
max
L
L
V
V
V
V
L
T
I
I
I
The inductor selection should consider the n-channel FET
current limit for the expected range of input voltage and
output load current. The largest I
L-avg
will occur at the
expected smallest V
IN
and largest I
OUT
. Determine the
largest expected
ΔI
L
. Then for the largest expected I
L-avg
,
ensure that the n-channel FET current limit is not exceed.
That is, for the minimum n-channel FET current limit,
worst case inductor tolerance, highest expected output
current, and lowest expected V
IN
, ensure that
I
L-max
= I
L-avg
+
ΔI
L
/2 < I
LIM(N)
.
Many of these equations include the parameter
η, effi-
ciency. Efficiency varies with V
IN
, I
OUT
, and temperature.
Estimate
η using the plots provided in this datasheet, or
from experimental data, at the operating condition of
interest.
Any chosen inductor should have low DCR compared to
the R
DS-ON
of the FET switches to maintain efficiency,
though for DCR << R
DS-ON
, further reduction in DCR will
provide diminishing benefit. The inductor I
SAT
value should
exceed the expected I
L-max
. The inductor self-resonant fre-
quency should exceed 5×f
osc
. Any inductor with these
properties should provide satisfactory performance.
L = 4.7μH should perform well for most applications.
The following table lists the manufacturers of recom-
mended inductor options. The specification values shown
are simplified approximations or averages of many device
parameters under various test conditions. See manufac-
turers’ documentation for full performance data.
Manufacturer/
Part #
Value
(μH)
DCR
(Ω)
Rated
Current
(mA)
Tolerance
(%)
Dimensions
LxWxH
(mm)
Murata
LQM31PN4R7M00
4.7
0.3
700
20
3.2 x 1.6 x 0.95
Coilcraft
XFL2006-472
4.7
0.7
500
20
2 x 2 x 0.6
Capacitor Selection
Input and output capacitors must be chosen carefully to
ensure that they are of the correct value and rating. The
output capacitor requires a minimum capacitance value
of 10μF at the programmed output voltage to ensure sta-
bility over the full operating range. This must be consid-
ered when choosing small package size capacitors as the
DC bias must be included in their derating to ensure this
required value. For example, a 10μF 0805 capacitor may
provide sufficient capacitance at low output voltages but
may be too low at higher output voltages. Therefore, a
higher capacitance value may be required to provide the
minimum of 10μF at these higher output voltages.
Low ESR capacitors such as X5R or X7R type ceramic
capacitors are recommended for input bypassing and
output filtering. Low-ESR tantalum capacitors are not
recommended due to possible reduction in capacitance
seen at the switching frequency of the SC121. Ceramic
capacitors of type Y5V are not recommended as their tem-
perature coefficients make them unsuitable for this appli-
cation. The following table lists recommended capacitors.
For smaller values and smaller packages, it may be neces-
sary to use multiples devices in parallel.
Manufacturer/
Part Number
Value
(μF)
Rated Volt-
age (VDC)
Type
Case
Size
Case
Height
(mm)
Murata
GRM21BR60J226ME39B
22
6.3
X5R
0805
1.25
Murata
GRM31CR71A226KE15L
22
10
X7R
1206
1.6
Murata
GRM185R60G475ME15
4.7
4
X5R
0603
0.5
TDK
C2012X5R1A226M
22
10
X5R
0805
0.85
Taiyo Yuden
JMK212BJ226MG-T
22
20
X5R
0805
1.25
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com