Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC121
Description  Low Voltage Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC121 Datasheet(HTML) 1 Page - Semtech Corporation

  SC121 Datasheet HTML 1Page - Semtech Corporation SC121 Datasheet HTML 2Page - Semtech Corporation SC121 Datasheet HTML 3Page - Semtech Corporation SC121 Datasheet HTML 4Page - Semtech Corporation SC121 Datasheet HTML 5Page - Semtech Corporation SC121 Datasheet HTML 6Page - Semtech Corporation SC121 Datasheet HTML 7Page - Semtech Corporation SC121 Datasheet HTML 8Page - Semtech Corporation SC121 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© 2010 Semtech Corporation
POWER MANAGEMENT
1
SC121
Low Voltage Synchronous
Boost Regulator
Features
Input voltage — 0.7V to 4.5V
Minimum start-up voltage — 0.85V
Output voltage — fixed at 3.3V; adjustable from 1.8V
to 5.0V
Peak input current limit — 1.2A
Output current at 3.3 V
OUT
— 80mA with V
IN
= 1.0V,
190mA with V
IN
= 1.5V
Forced PWM operation at all loads
Efficiency up to 94%
Internal synchronous rectifier
No forward conduction path during shutdown
Switching frequency — 1.2MHz
Soft-start startup current limiting
Shutdown current — 0.1μA (typ)
Ultra-thin 1.5 × 2.0 × 0.6 (mm) MLPD-UT-6 package
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
MP3 players
Smart phones and cellular phones
Palmtop computers and handheld instruments
PCMCIA cards and memory cards
Digital cordless phones
Personal medical products
Wireless VoIP phones
Small motors
Description
The SC121 is a high efficiency, low noise, synchronous
step-up DC-DC converter that provides boosted voltage
levels in low-voltage handheld applications. The wide
input voltage range allows use in systems with single
NiMH or alkaline battery cells as well as in systems with
higher voltage battery supplies. It features an internal
1.2A switch and synchronous rectifier to achieve up to
94% efficiency and to eliminate the need for an external
Schottky diode. The output voltage can be set to 3.3V
with internal feedback, or to any voltage within the speci-
fied range using a standard resistor divider.
The SC121 operates exclusively in Pulse Width Modulation
(PWM) mode for low ripple and fixed-frequency switching.
Output disconnect capability is included to reduce leakage
current, improve efficiency, and eliminate external com-
ponents sometimes needed to disconnect the load from
the supply during shutdown.
Low quiescent current is maintained with a high 1.2MHz
operating frequency. Small external components and the
space saving MLPD-UT-6, 1.5×2.0×0.6 (mm) package
make this device an excellent choice for small handheld
applications that require the longest possible battery life.
L1
CIN
3.3V
Single
Cell
(1.2V)
IN
OUT
LX
EN
FB
SC121
COUT
GND
Typical Application Circuit
April 13, 2010


Similar Part No. - SC121

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC121 SILAN-SC121 Datasheet
621Kb / 9P
LI BATTERY PROTECTION CIRCUIT
logo
Semtech Corporation
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
logo
Socay Electornics Co., ...
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
logo
Bel Fuse Inc.
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
logo
Littelfuse
SC1210-01ETG LITTELFUSE-SC1210-01ETG Datasheet
760Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
Revised: 04/27/21
More results

Similar Description - SC121

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
Low Voltage Synchronous Boost Converter
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
Low Voltage Synchronous Boost Converter
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
Synchronous Boost Regulator
logo
Linear Technology
LT8390EUFD LINER-LT8390EUFD Datasheet
790Kb / 10P
60V Low EMI Synchronous 4-Switch Buck-Boost Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com