Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648 Datasheet (PDF) - Sipex Corporation

SP6648 Datasheet PDF - Sipex Corporation
Part # SP6648
Download  SP6648 Download
File Size   262.36 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Ultra-low Quiescent Current, High Efficiency Boost Regulator

SP6648 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6648 Datasheet PDF - Sipex Corporation

Part # SP6648
Download  SP6648 Click to download

File Size   262.36 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Ultra-low Quiescent Current, High Efficiency Boost Regulator

SP6648 Datasheet (HTML) - Sipex Corporation


SP6648 Product details

DESCRIPTION
The SP6648 is an ultra-low quiescent current, high efficiency step-up DC-DC converter ideal for single cell, dual cell alkaline and Li-Ion battery applications such as digital still cameras, PDAs, MP3 players, and other portable devices. The SP6648 combines the high-load efficiency associated with PWM control, with the low quiescent current and excellent light-load efficiency of PFM control. The SP6648 features 12μA quiescent current, synchronous rectification, a 0.3Ω charging switch, anti-ringing inductor switch, programmable low-battery detect, under-voltage lockout and programmable inductor peak current. The device can be controlled by a 1nA active LOW shutdown pin.

FEATURES
■ Ultra-low 12μA Quiescent Current
■ 400mA Output Current at 2.6V Input: 3.3VOUT
■ 94% Efficiency from 2 Cell to 3.3VOUT
■ Wide Input Operating Voltage: 0.85V to 4.5V
■ 3.3V Fixed or Adjustable Output
■ Integrated Synchronous Rectifier: 0.3Ω
■ 0.3Ω Switch
■ Anti-Ringing Switch Technology
■ Programmable Inductor Peak Current
■ Logic Shutdown Control
■ Under Voltage Lock-Out at 0.61V
■ Programmable Low-Battery Detect
■ Single or Dual Cell Alkaline
■ Small 10 pin DFN Package and Industry Standard 10 pin MSOP

APPLICATIONS
■ Camera Flash LED Driver
■ Wireless Mouse
■ PDAs
■ Pagers
■ Medical Monitors
■ Handheld Portable Devices
■ MP3 Players




Similar Part No. - SP6648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648 Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Sipex Corporation
SP6648EB SIPEX-SP6648EB Datasheet
125Kb / 4P
Evaluation Board Manual
SP6648ER SIPEX-SP6648ER Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
More results


Similar Description - SP6648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6649 SIPEX-SP6649 Datasheet
139Kb / 9P
Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
logo
Sipex Corporation
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com