Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6649 Datasheet (PDF) - Sipex Corporation

SP6649 Datasheet PDF - Sipex Corporation
Part # SP6649
Download  SP6649 Download
File Size   139.95 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator

SP6649 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6649 Datasheet PDF - Sipex Corporation

Part # SP6649
Download  SP6649 Click to download

File Size   139.95 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator

SP6649 Datasheet (HTML) - Sipex Corporation


SP6649 Product details

DESCRIPTION
The SP6649 is an ultra-low quiescent current, high efficiency step-up DC-DC converter ideal for single and dual cell alkaline, or Li-Ion battery applications such as digital still cameras, PDA’s, MP3 players, and other portable devices. The SP6649 combines the high delivery associated with PWM control, and the low quiescent current and excellent light-load efficiency of PFM control.

FEATURES
■ Ultra-low 12µA Quiescent Current
■ 700mA Output Current at 2.6VIN, 3.3VOUT
■ 94% Efficiency Possible
■ Wide Input Voltage Range: 0.85V to 4.5V
■ 3.3V Fixed Output and adjustable 2.5V to 5.0V Output Range
■ Internal Synchronous Rectifier for High Efficiency
■ 0.3 Charging Switch, 0.3 Synchronous Rectifier
■ Anti-Ringing Inductor Switch
■ Programmable Inductor Peak Current
■ Logic Shutdown Control
■ Under Voltage Lock-Out, 0.62V
■ Programmable Low Battery Detect
■ Small 10 pin MSOP Package

APPLICATIONS
■ Digital Still Cameras
■ MP3 Players
■ PDAs
■ Pagers
■ Handheld Portable Devices
■ Medical Monitors




Similar Part No. - SP6649

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641 SIPEX-SP6641 Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
118Kb / 5P
Low Noise Evaluation Board
SP6641A SIPEX-SP6641A Datasheet
133Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Similar Description - SP6649

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
LP6208 POWER-LP6208 Datasheet
122Kb / 1P
Tink Package, High Efficiency Boost DC/DC Regulator
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Linear Technology
LTM4605 LINER-LTM4605_15 Datasheet
312Kb / 26P
High Efficiency Buck-Boost DC/DC Module Regulator
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
HM1531 High Efficiency DC-DC Boost Regulator
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com