Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4872 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4872
Description  High Current Boost Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4872 Datasheet(HTML) 8 Page - Micro Linear Corporation

  ML4872 Datasheet HTML 1Page - Micro Linear Corporation ML4872 Datasheet HTML 2Page - Micro Linear Corporation ML4872 Datasheet HTML 3Page - Micro Linear Corporation ML4872 Datasheet HTML 4Page - Micro Linear Corporation ML4872 Datasheet HTML 5Page - Micro Linear Corporation ML4872 Datasheet HTML 6Page - Micro Linear Corporation ML4872 Datasheet HTML 7Page - Micro Linear Corporation ML4872 Datasheet HTML 8Page - Micro Linear Corporation ML4872 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
ML4872
IOUT(MAX) (mA)
VIN (V)
VOUT = 3.3V
VOUT = 5.0V
1.8
386.2
286.2
2.0
451.9
332.1
2.2
521.5
379.1
2.4
585.9
430.0
2.6
651.0
479.0
2.8
716.5
525.4
3.0
782.0
571.8
3.2
618.5
3.4
665.0
3.6
711.7
3.8
758.7
4.0
805.3
4.2
851.9
4.4
899.0
4.6
946.1
4.8
992.7
IOUT (mA)
EFFICIENCY PERCENTAGE
VIN = 2.4V, VOUT = 3.3V
1.0
82.0
2.0
84.4
5.0
87.0
10.0
87.6
20.0
87.9
50.0
88.3
100.0
88.6
200.0
88.2
586.0
65.1
VIN = 2.4V, VOUT = 5.0V
1.0
84.4
2.0
87.0
5.0
87.7
10.0
88.4
20.0
88.9
50.0
89.1
100.0
88.9
200.0
87.5
485.0
71.6
Table 1. Typical IOUT and Efficiency vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com