Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4875
Description  Low Voltage Boost Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4875 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4875 Datasheet HTML 1Page - Micro Linear Corporation ML4875 Datasheet HTML 2Page - Micro Linear Corporation ML4875 Datasheet HTML 3Page - Micro Linear Corporation ML4875 Datasheet HTML 4Page - Micro Linear Corporation ML4875 Datasheet HTML 5Page - Micro Linear Corporation ML4875 Datasheet HTML 6Page - Micro Linear Corporation ML4875 Datasheet HTML 7Page - Micro Linear Corporation ML4875 Datasheet HTML 8Page - Micro Linear Corporation ML4875 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ML4875
Lead Temperature (Soldering 10 sec.) ..................... 260°C
Thermal Resistance (
qJA) Plastic SOIC ................. 160°C/W
OPERATING CONDITIONS
Temperature Range
ML4875CS-X .............................................. 0°C to 70°C
ML4875ES-X ........................................... –20°C to 70°C
VIN Operating Range
ML4875CS-X ................................. 1.0V to VOUT –0.2V
ML4875ES-X .................................. 1.1V to VOUT –0.2V
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VOUT ................................................................................................ 7V
Voltage on any other pin ...... GND – 0.3V to VOUT + 0.3V
Peak Switch Current, I(PEAK) ................................................. 1.5A
Average Switch Current, I(AVG) ....................................... 300mA
Junction Temperature ............................................. 150°C
Storage Temperature Range ...................... –65°C to 150°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = Operating Voltage Range, TA = Operating Temperature Range (Note 1).
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
SUPPLY
VIN Current
VIN = VOUT – 0.2V
50
65
µA
VIN = 4.8V, SHDN = VIN
20
30
µA
VOUT Quiescent Current
812
µA
VL Quiescent Current
1µA
PFM REGULATOR
Pulse Width (TON)
8.9
10
11.1
µs
Output Voltage (VOUT)
ML4875-5
TON = 0 at VOUT(MAX),
4.85
5.0
5.15
V
ML4875-3
8.9µs - TON - 11.1µs VOUT(MIN)
3.2
3.3
3.4
V
ML4875-T
2.91
3.0
3.09
V
Load Regulation
See Figure 1
ML4875-5
VIN = 1.2V, IOUT - 20mA
4.85
5.0
5.15
V
VIN = 2.4V, IOUT - 100mA
4.85
5.0
5.15
V
ML4875-3
VIN = 1.2V, IOUT - 30mA
3.2
3.3
3.4
V
VIN = 2.4V, IOUT - 140mA
3.2
3.3
3.4
V
ML4875-T
VIN = 1.2V, IOUT - 35mA
2.91
3.0
3.09
V
VIN = 2.4V, IOUT - 160mA
2.91
3.0
3.09
V
Under-Voltage Lockout Threshold
0.85
1
V
SHUTDOWN
Input Bias Current
–100
100
nA
Shutdown Threshold
VSHDN = high to low
180
200
220
mV
Shutdown Hysteresis
50
70
mV
RESET COMPARATOR
DETECT Threshold
194
200
206
mV
DETECT Bias Current
–100
100
nA
RESET ON Voltage
IRESET = 50µA
100
200
mV
RESET OFF Current
VRESET = 5V
1
µA
Note 1: Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com