Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4875 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4875
Description  Low Voltage Boost Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4875 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4875 Datasheet HTML 1Page - Micro Linear Corporation ML4875 Datasheet HTML 2Page - Micro Linear Corporation ML4875 Datasheet HTML 3Page - Micro Linear Corporation ML4875 Datasheet HTML 4Page - Micro Linear Corporation ML4875 Datasheet HTML 5Page - Micro Linear Corporation ML4875 Datasheet HTML 6Page - Micro Linear Corporation ML4875 Datasheet HTML 7Page - Micro Linear Corporation ML4875 Datasheet HTML 8Page - Micro Linear Corporation ML4875 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ML4875
FUNCTIONAL DESCRIPTION
The ML4875 combines Pulse Frequency Modulation
(PFM) and synchronous rectification to create a boost
converter that is both highly efficient and simple to use.
A PFM regulator charges a single inductor for a fixed
period of time and then completely discharges before
another cycle begins, simplifying the design by
eliminating the need for conventional current limiting
circuitry. Synchronous rectification is accomplished by
replacing an external Schottky diode with an on-chip
PMOS device, reducing switching losses and external
component count.
REGULATOR OPERATION
A block diagram of the boost converter is shown in Figure
2. The circuit remains idle when VOUT is at or above the
desired output voltage, drawing 50µA from VIN, and 8µA
from VOUT through the feedback resistors R1 and R2.
When VOUT drops below the desired output level, the
output of amplifier A1 goes high, signaling the regulator to
deliver charge to the output. Since the output of amplifier
A2 is normally high, the flip-flop captures the A1 set signal
and creates a pulse at the gate of the NMOS transistor Q1.
The NMOS transistor will charge the inductor L1 for 10µs,
resulting in a peak current given by:
I
TV
L
sV
L
L PEAK
ON
IN
IN
() =
×
≈
×
11
10
µ
(1)
For reliable operation, L1 should be chosen so that IL(PEAK)
does not exceed 1.5A.
When the one-shot times out, the NMOS transistor
releases the VL pin, allowing the inductor to fly-back and
momentarily charge the output through the body diode of
PMOS transistor Q2 in series with shutdown transistor Q3.
But, as the voltage across the PMOS transistor changes
polarity, its gate will be driven low by the current sense
amplifier A2, causing Q2 to short out its body diode. The
inductor then discharges into the load through Q2. The
output of A2 also serves to reset the flip-flop and one-shot
in preparation for the next charging cycle. A2 releases the
gate of Q2 when its current falls to zero. If VOUT is still
low, the flip-flop will immediately initiate another pulse.
The output capacitor (C1) filters the inductor current,
limiting output voltage ripple. Inductor current and one-
shot waveforms are shown in Figure 3.
Q(ONE SHOT)
Q1 ON
Q1 ON
Q2
ON
Q2
ON
INDUCTOR
CURRENT
Q1 & Q2 OFF
Figure 3. PFM Inductor Current Waveforms and Timing.
SHUTDOWN
The ML4875 output can be shut down by pulling the
SHDN pin high. When SHDN is high, the regulator stops
switching, the control circuitry is powered down, and the
body diode of the PMOS synchronous rectifier is
disconnected from the output, allowing the output voltage
to drop below the input voltage. This feature is unique to
the ML4875, as most boost regulators use external
Schottky diode rectifier which cannot be disconnected
during shutdown. Leaving the Schottky diode connected
causes excess power dissipation in the load during
shutdown because the Schottky conducts whenever the
output voltage drops 300mV below the input voltage.
RESET COMPARATOR
An additional comparator is provided to detect low VIN,
or any other error condition that is important to the user.
The inverting input of the comparator is internally
connected to VREF, while the non-inverting input is
provided externally at the DETECT pin. The output of the
comparator is the RESET pin, which swings from VOUT to
GND when an error is detected.
DESIGN CONSIDERATIONS
INDUCTOR
Selecting the proper inductor for a specific application
usually involves a trade-off between efficiency and
maximum output current. Choosing too high a value will
keep the regulator from delivering the required output
current under worst case conditions. Choosing too low a
value causes efficiency to suffer. It is necessary to know
the maximum required output current and the input
voltage range to select the proper inductor value. The
maximum inductor value can be estimated using the
following formula:
L
VT
VI
MAX
IN MIN
ON MIN
OUT
OUT MAX
=
××
××
()
()
()
2
2
η
(2)
where
h is the efficiency, typically between 0.8 and 0.9.
Note that this is the value of inductance that just barely
delivers the required output current under worst case
conditions. A lower value may be required to cover
inductor tolerance, the effect of lower peak inductor
currents caused by resistive losses, and minimum dead
time between pulses.
Another method of determining the appropriate inductor
value is to make an estimate based on the typical
performance curves given in Figures 4 and 5. Figure 4
shows maximum output current as a function of input
voltage for several inductor values. These are typical
performance curves and leave no margin for inductance
and ON-time variations. To accommodate worst case
conditions, it is necessary to derate these curves by at
least 10% in addition to inductor tolerance.
For example, a two cell to 5V application requires 80mA
of output current while using an inductor with 15%
tolerance. The output current should be derated by 25%
to 100mA to cover the combined inductor and ON-time



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com