Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4775 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4775
Description  Adjustable Output Low Voltage Boost Regulator with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4775 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4775 Datasheet HTML 1Page - Micro Linear Corporation ML4775 Datasheet HTML 2Page - Micro Linear Corporation ML4775 Datasheet HTML 3Page - Micro Linear Corporation ML4775 Datasheet HTML 4Page - Micro Linear Corporation ML4775 Datasheet HTML 5Page - Micro Linear Corporation ML4775 Datasheet HTML 6Page - Micro Linear Corporation ML4775 Datasheet HTML 7Page - Micro Linear Corporation ML4775 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ML4775
PIN CONNECTION
PIN DESCRIPTION
PIN
NO.
NAME
FUNCTION
1
VIN
Battery input voltage
2
SHDN
Pulling this pin high shuts down the
regulator, isolating the load from the
input
3
GND
Analog signal ground
4
SENSE
Programming pin is for setting the
output voltage
PIN
NO.
NAME
FUNCTION
5
VOUT
Boost regulator output
6
VL
Boost inductor connection
7
N/C
No connection
8
PWR GND Return for the NMOS output
transistor
ML4775
8-Pin SOIC (S08)
1
2
3
4
8
7
6
5
VOUT
COMP
VREF
BURST
GND
VL
BURST
VIN
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com