Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4775 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4775
Description  Adjustable Output Low Voltage Boost Regulator with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4775 Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4775 Datasheet HTML 1Page - Micro Linear Corporation ML4775 Datasheet HTML 2Page - Micro Linear Corporation ML4775 Datasheet HTML 3Page - Micro Linear Corporation ML4775 Datasheet HTML 4Page - Micro Linear Corporation ML4775 Datasheet HTML 5Page - Micro Linear Corporation ML4775 Datasheet HTML 6Page - Micro Linear Corporation ML4775 Datasheet HTML 7Page - Micro Linear Corporation ML4775 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ML4775
1.0
3.0
2.0
400
300
200
100
0
0
VIN (V)
ML4775 (VOUT = 3.3V)
4.0
5.0
L = 27µH
L = 15µH
L = 56µH
1.0
3.0
2.0
400
300
200
100
0
0
VIN (V)
ML4775 (VOUT = 5V)
4.0
5.0
L = 27µH
L = 15µH
L = 56µH
Figure 4. Output Current vs Input Voltage.
Figure 5. Typical Efficiency as a Function of VIN.
1.0
3.0
4.0
2.0
100
90
80
70
60
50
0
VIN (V)
ML4775 (VOUT = 5V)
5.0
L = 56
µH
L = 27
µH
L = 15
µH
1.0
3.0
2.0
100
90
80
70
60
50
0
VIN (V)
ML4775 (VOUT = 3.3V)
L = 56
µH
L = 27
µH
L = 15
µH
In the two cell application previously described, a
maximum input voltage of 3V would give a peak current
of 1.2A. When comparing various inductors, it is
important to keep in mind that suppliers use different
criteria to determine their ratings. Many use a
conservative current level, where inductance has
dropped to 90% of its normal level. In any case, it is a
good idea to try inductors of various current ratings with
the ML4775 to determine which inductor is the best
choice. Check efficiency and maximum output current,
and if a current probe is available, look at the inductor
current to see if it looks like the waveform shown in
Figure 3. For additional information, see Applications
Note 29, “Choosing an Inductor for Your ML4861
Application.”
Suitable inductors can be purchased from the following
suppliers:
Coilcraft
(708) 639-6400
Coiltronics
(407) 241-7876
Dale
(605) 665-9301
Sumida
(708) 956-0666
Figure 5 shows efficiency under the conditions used to
create Figure 4. It can be seen that efficiency is mostly
independent of input voltage and is closely related to
inductor value. This illustrates the need to keep the
inductor value as high as possible to attain peak system
efficiency. As the inductor value goes down to 15µH, the
efficiency drops to between 70% and 75%. With 56µH,
the efficiency approaches 90% and there is little room
for improvement. At values greater than 100µH, the
operation of the synchronous rectifier becomes
unreliable because the inductor current is so small that it
is difficult for the control circuitry to detect.
After the appropriate inductor value is chosen, it is
necessary to find the minimum inductor current rating
required. Peak inductor current is determined from the
following formula:
I
TV
L
L PEAK
ON MAX
IN MAX
MIN
()
()
()
=
×
(3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com