Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4869 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4869
Description  Medium Current Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4869 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4869 Datasheet HTML 1Page - Micro Linear Corporation ML4869 Datasheet HTML 2Page - Micro Linear Corporation ML4869 Datasheet HTML 3Page - Micro Linear Corporation ML4869 Datasheet HTML 4Page - Micro Linear Corporation ML4869 Datasheet HTML 5Page - Micro Linear Corporation ML4869 Datasheet HTML 6Page - Micro Linear Corporation ML4869 Datasheet HTML 7Page - Micro Linear Corporation ML4869 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ML4869
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = Operating Voltage Range, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
IIN(Q)
VIN Quiescent Current
VIN = VOUT - 0.2V, SHDN = 0V
3
6
µA
VIN = SHDN = 2.4V, VOUT = 0V
0.3
1
µA
IOUT(Q)
VOUT Quiescent Current
SHDN = 0V
25
35
µA
VIN = SHDN = 2.4V
14
20
µA
VOUT = VOUT(NOM)
PFM REGULATOR
IPEAK
IL Peak Current
VIN = 2.4V
–3 Suffix
700
800
900
mA
–5 Suffix
750
850
950
mA
VOUT
Output Voltage
IOUT = 0
-3 Suffix
3.30
3.35
3.40
V
See Figure 1
-5 Suffix
4.95
5.05
5.15
V
Load Regulation
-3 Suffix, VIN = 2.4V, IOUT = 310mA
3.20
3.25
3.40
V
-5 Suffix, VIN = 2.4V, IOUT = 185mA
4.85
4.95
5.15
V
SHUTDOWN
VIL
Input Low Voltage
0.5
V
VIH
Input High Voltage
VIN - 0.5
V
Input Bias Current
-100
100
nA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VOUT ............................................................................................... 7V
Voltage on any other pin ..... GND - 0.3V to VOUT + 0.3V
Peak Switch Current (IPEAK) ......................................... 2A
Average Switch Current (IAVG) ..................................... 1A
Junction Temperature .............................................. 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
qJA) .................................... 160°C/W
OPERATING CONDITIONS
Temperature Range
ML4869CS-X .............................................. 0°C to 70°C
ML4869ES-X ........................................... -20°C to 70°C
VIN Operating Range ....................... 1.8V to VOUT - 0.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com