Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD12 Datasheet (PDF) - Texas Instruments

TSD12 Datasheet PDF - Texas Instruments
Part # TSD12
Download  TSD12 Download
File Size   831.04 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSDxx-Q1 Unidirectional TVS Diodes for Automotive Applications in SOD-323 Package

TSD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD12 Datasheet PDF - Texas Instruments

Part # TSD12
Download  TSD12 Click to download

File Size   831.04 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSDxx-Q1 Unidirectional TVS Diodes for Automotive Applications in SOD-323 Package

TSD12 Datasheet (HTML) - Texas Instruments


TSD12 Product details

1 Features
• ISO 10605 (330pF, 330Ohm) ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 7-60A (8/20μs)
• IO capacitance < 20pF
• Ultra low leakage current: 50nA (maximum)
• Industrial temperature range: -55°C to +150°C
• AEC-Q101 qualified
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)

2 Applications
• I/O Protection
• Power Line Protection
• USB VBUS
• Body Electronics & Lighting
• Hybrid, Electric, & Powertrain Systems

3 Description
The TSDxx-Q1 are a family of unidirectional TVS
protection diodes designed for clamping harmful
transients such as ESD and surge. The TSDxx-Q1
are rated to dissipate ESD strikes up to ±30kV
(contact and air gap discharge) and also meets the
the maximum level specified in the IEC 61000-4-2
international standard (Level 4).
Combining the robust clamping performance and low
capacitance of these devices, TSDxx-Q1 are excellent
TVS diodes to protect both data and power lines in
many different applications.
The TSDxx-Q1 is offered in the industry
standard, leaded SOD-323 package to enable easy
solderability.




Similar Part No. - TSD12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD12 ETC1-TSD12 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Texas Instruments
TSD12 TI2-TSD12 Datasheet
1Mb / 20P
TSDxx Unidirectional TVS Diodes in SOD-323
REVISED MAY 2025
TSD12-Q1 TI2-TSD12-Q1 Datasheet
1Mb / 20P
TSDxx Unidirectional TVS Diodes in SOD-323
REVISED MAY 2025
logo
FENGJUI TECHNOLOGY CO.,...
TSD120 FENGJUI-TSD120 Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
TSD121 FENGJUI-TSD121 Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
More results


Similar Description - TSD12

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386Z AVAGO-HSMP-386Z Datasheet
115Kb / 5P
General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
logo
Protek Devices
GBLC PROTEC-GBLC Datasheet
498Kb / 7P
SOD-323 PACKAGE
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
445Kb / 7P
SOD-323 PACKAGE
PESD1LIN PROTEC-PESD1LIN_15 Datasheet
388Kb / 6P
SOD-323 PACKAGE
logo
Shanghai Semitech Semic...
GBLC03CI SEMITECH-GBLC03CI Datasheet
127Kb / 3P
Small SOD-323 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMS-282Z AVAGO-HSMS-282Z Datasheet
230Kb / 5P
RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
TSD05C TI1-TSD05C_V01 Datasheet
878Kb / 15P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com