Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD12 Datasheet (PDF) - Texas Instruments

TSD12 Datasheet PDF - Texas Instruments
Part # TSD12
Download  TSD12 Download
File Size   1031.76 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSDxx Unidirectional TVS Diodes in SOD-323

TSD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD12 Datasheet PDF - Texas Instruments

Part # TSD12
Download  TSD12 Click to download

File Size   1031.76 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSDxx Unidirectional TVS Diodes in SOD-323

TSD12 Datasheet (HTML) - Texas Instruments


TSD12 Product details

1 Features
• IEC 61000-4-2 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 7-60A (8/20μs)
• IO capacitance < 20pF (typical)
• Ultra low leakage current: 50nA (maximum)
• Industrial temperature range: –55°C to +150°C
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)

2 Applications
• I/O Protection
• Power Line Protection
• USB VBUS
• Grid infrastructure
• Portable electronics

3 Description
The TSDxx are a family of unidirectional TVS
protection diodes designed for clamping harmful
transients such as ESD and surge. The TSDxx
devices are rated to dissipate ESD strikes up to
±30kV (contact and air gap discharge) and also meets
the maximum level specified in the IEC 61000-4-2
international standard (Level 4).
Combining the robust clamping performance and low
capacitance of this device, TSDxx are excellent TVS
diodes to protect both data and power lines in many
different applications.
The TSDxx family is offered in the industry
standard, leaded SOD-323 package to enable easy
solderability.




Similar Part No. - TSD12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD12 ETC1-TSD12 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Texas Instruments
TSD12 TI2-TSD12 Datasheet
831Kb / 18P
TSDxx-Q1 Unidirectional TVS Diodes for Automotive Applications in SOD-323 Package
JUNE 2025
TSD12-Q1 TI2-TSD12-Q1 Datasheet
831Kb / 18P
TSDxx-Q1 Unidirectional TVS Diodes for Automotive Applications in SOD-323 Package
JUNE 2025
logo
FENGJUI TECHNOLOGY CO.,...
TSD120 FENGJUI-TSD120 Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
TSD121 FENGJUI-TSD121 Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
More results


Similar Description - TSD12

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
BAV16WS DAYA-BAV16WS Datasheet
179Kb / 2P
SOD-323 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
1N4148WS WILLAS-1N4148WS Datasheet
520Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B5817WS-1A-SOD-323 DGNJDZ-B5817WS-1A-SOD-323 Datasheet
572Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Nanjing International G...
1N4148WS DGNJDZ-1N4148WS_V01 Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
B5817WS DGNJDZ-B5817WS_V01 Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate Diodes
logo
Texas Instruments
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
logo
Guangdong Youtai Semico...
SD03 UMW-SD03 Datasheet
435Kb / 3P
Unidirectional TVS Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com