Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBPLATE Datasheet (PDF) - StarTech.com Ltd.

USBPLATE Datasheet PDF - StarTech.com Ltd.
Part # USBPLATE
Download  USBPLATE Download
File Size   76.5 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2 Port USB A Female Slot Plate Adapter

USBPLATE Datasheet (PDF)

Go To PDF Page Download Datasheet
USBPLATE Datasheet PDF - StarTech.com Ltd.

Part # USBPLATE
Download  USBPLATE Click to download

File Size   76.5 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2 Port USB A Female Slot Plate Adapter

USBPLATE Datasheet (HTML) - StarTech.com Ltd.


USBPLATE Product details

Applications
• Check your motherboard's manual for it's USB pinout diagram
• USBPLATE wiring scheme: Red=Power, Green=Signal, White=Signal, Black=Ground

Features
• Supports 4 or 5 pin motherboard connections
• Separate cables support a single row of 8/10 pins or 2 rows of 4/5
• USB V2.0 compliant
• Two standard A-type USB outlets mounted on a plate with 11.25 inch (285.75mm) cable to the 5 pin connectors




Similar Part No. - USBPLATE

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
USBP-A-XXV-RA ADAM-TECH-USBP-A-XXV-RA Datasheet
109Kb / 1P
USB POWER & SIGNAL W/LEDS SIGNAL USB & POWER USB COMBINATION
logo
STMicroelectronics
USBP01-5M8 STMICROELECTRONICS-USBP01-5M8 Datasheet
302Kb / 12P
ESD protection for enhanced micro USB interface
08-Jun-2012
logo
Adam Technologies, Inc.
USBPA12VRA ADAM-TECH-USBPA12VRA Datasheet
109Kb / 1P
USB POWER & SIGNAL W/LEDS SIGNAL USB & POWER USB COMBINATION
USBPA24VRA ADAM-TECH-USBPA24VRA Datasheet
109Kb / 1P
USB POWER & SIGNAL W/LEDS SIGNAL USB & POWER USB COMBINATION
USBPDRA ADAM-TECH-USBPDRA Datasheet
152Kb / 1P
USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
More results


Similar Description - USBPLATE

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-2-R ASSMANN-A-USB-2-R Datasheet
68Kb / 1P
USB ADAPTER - A TYPE FEMALE
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
A-USB-4-R ASSMANN-A-USB-4-R Datasheet
203Kb / 1P
USB Adapter -A TYPE FEMALE
AK674-R ASSMANN-AK674-R Datasheet
98Kb / 1P
2 x USB A Female
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
Advantech Co., Ltd.
PCM-24U2U3-AE ADVANTECH-PCM-24U2U3-AE Datasheet
239Kb / 1P
2-Port USB 3.0, mPCIe, USB-A type
logo
Tripp Lite. All Rights ...
U321-18N-20P-PM TRIPPLITE-U321-18N-20P-PM Datasheet
488Kb / 2P
USB 3.0 2-Port Panel Mount Adapter, 20-Pin Motherboard IDC to 2x USB Type-A Female, 18 in.
logo
Advantech Co., Ltd.
PCM-24U2U3-BE ADVANTECH-PCM-24U2U3-BE Datasheet
342Kb / 1P
2-Port USB 3.0, mPCIe, USB-A type
10-Jul-2019
logo
Coolgear Inc.
USB-2CAN-M COOLGEAR-USB-2CAN-M Datasheet
650Kb / 4P
2-PORT USB TO CAN BUS ADAPTER D
9/29/21
USB-2CAN-SI-M COOLGEAR-USB-2CAN-SI-M Datasheet
649Kb / 4P
2-PORT USB TO CAN BUS ADAPTER D
11/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com