Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBPLATE Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # USBPLATE
Description  2 Port USB A Female Slot Plate Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

USBPLATE Datasheet(HTML) 2 Page - StarTech.com Ltd.

  USBPLATE Datasheet HTML 1Page - StarTech.com Ltd. USBPLATE Datasheet HTML 2Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connector(s)
Warranty
Lifetime
Connector A
2 - IDC (5 pin, Motherboard Header)
Connector B
2 - USB 2.0 Type-A (4 pin, 480Mbps)
Physical
Characteristics
Color
Gray
Cable Length
11.2 in [28.6 cm]
Product Length
2.2 in [55.0 mm]
Product Width
11.3 in [28.7 cm]
Product Height
0.0 in [0.0 cm]
Weight of Product
4.2 oz [120.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.9 in [22.5 cm]
Package Width
4.9 in [12.5 cm]
Package Height
0.7 in [19.0 mm]
Shipping (Package)
Weight
2.1 oz [60.0 g]
What's in the Box
Included in Package
1 - 2 OUTLET USB PLATE
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com