Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE46100 Datasheet (PDF) - California Eastern Labs

NE46100 Datasheet PDF - California Eastern Labs
Part # NE46100
Download  NE46100 Download
File Size   284.75 Kbytes
Page   11 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR

NE46100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE46100 Datasheet PDF - California Eastern Labs

Part # NE46100
Download  NE46100 Click to download

File Size   284.75 Kbytes
Page   11 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR

NE46100 Datasheet (HTML) - California Eastern Labs


NE46100 Product details

DESCRIPTION
The NE461 series of NPN silicon epitaxial bipolar transistors is designed for medium power applications requiring high dynamic range. This device exhibits an outstanding combination of high gain and low intermodulation distortion, as well as low noise figure. The NE461 series offers excellent performance and reliability at low cost through titanium, platinum, gold metallization system and direct nitride passivation of the surface of the chip. Devices are available in a low cost surface mount package (SOT-89) as well as in chip form.

FEATURES
• HIGH DYNAMIC RANGE
• LOW IM DISTORTION: -40 dBc
• HIGH OUTPUT POWER : 27.5 dBm at TYP
• LOW NOISE: 1.5 dB TYP at 500 MHz
• LOW COST




Similar Part No. - NE46100

ManufacturerPart #DatasheetDescription
logo
NEC
NE46100 NEC-NE46100 Datasheet
137Kb / 10P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
More results


Similar Description - NE46100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LAE4002S PHILIPS-LAE4002S Datasheet
48Kb / 8P
NPN microwave power transistor
1997 Feb 18
LWE2010S PHILIPS-LWE2010S Datasheet
74Kb / 12P
NPN microwave power transistor
1997 Feb 19
logo
NEC
NE46100 NEC-NE46100 Datasheet
137Kb / 10P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
NECs NPN SILICON TRANSISTOR
04/26/2004
logo
List of Unclassifed Man...
BRF480 ETC1-BRF480 Datasheet
46Kb / 6P
MEDIUM POWER SILICON MICROWAVE TRANSISTOR
B15V140 ETC1-B15V140 Datasheet
53Kb / 7P
MEDIUM POWER SILICON MICROWAVE TRANSISTOR
logo
NEC
NE56900 NEC-NE56900 Datasheet
166Kb / 5P
NPN MEDIUM POWER MICROWAVE TRANSISTOR
NE64300 NEC-NE64300 Datasheet
265Kb / 6P
NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
California Eastern Labs
2SC4536 CEL-2SC4536 Datasheet
640Kb / 10P
NPN MEDIUM POWER MICROWAVE TRANSISTOR
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com