Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM2010 Datasheet (PDF) - List of Unclassifed Manufacturers

MM2010 Datasheet PDF - List of Unclassifed Manufacturers
Part # MM2010
Download  MM2010 Download
File Size   118.15 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL PURPOSE SURFACE / IMMERSION PROBE TYPE ‘K’

MM2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM2010 Datasheet PDF - List of Unclassifed Manufacturers

Part # MM2010
Download  MM2010 Click to download

File Size   118.15 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL PURPOSE SURFACE / IMMERSION PROBE TYPE ‘K’

MM2010 Datasheet (HTML) - List of Unclassifed Manufacturers


MM2010 Product details

Description
This probe uses the straight handle for fine control. The probe is designed for the measurement of
both surface temperatures and Immersion temperatures.

Sensor Features
 TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This results in a solid handle as opposed to a hollow handle. This is particularly important as there is
often damage to the handles caused by excess heat. With a hollow handle it is possible to puncture
the outer plastic and damage the sensor irreparably.




Similar Part No. - MM2010

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2010 TM-MM2010 Datasheet
252Kb / 2P
SURFACE (BAND) PROBE TYPE ‘K’
MM2010 TM-MM2010 Datasheet
123Kb / 1P
FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
MM2010 TM-MM2010 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
logo
List of Unclassifed Man...
MM2010 ETC-MM2010 Datasheet
69Kb / 1P
PLUG MOUNTED MOVING AIR PROBE TYPE ‘K’
MM2010 ETC-MM2010 Datasheet
69Kb / 1P
PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
More results


Similar Description - MM2010

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
Type K Dual Input Thermometer
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Fuji Electric
EDS7-11D FUJI-EDS7-11D Datasheet
97Kb / 4P
IMMERSION TYPE LEVEL METER
logo
Extech Instruments Corp...
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Analog Devices
AC2626 AD-AC2626_15 Datasheet
2Mb / 2P
GENERAL PURPOSE TEMPERATURE PROBE
logo
Greystone Energy System...
PS-TSAP GREYSTONE-PS-TSAP Datasheet
316Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE SENSOR
01/20
TLAP GREYSTONE-TLAP Datasheet
440Kb / 2P
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TXAP GREYSTONE-TXAP Datasheet
322Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE TRANSMITTER
logo
E+E Elektronik Ges.m.b....
MOP301 EPLUSE-MOP301 Datasheet
1Mb / 10P
Digital Moisture in Oil Immersion Probe up to 120 °C (248 °F)
11-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com