Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320ADC3101 Datasheet (PDF) - Texas Instruments

TLV320ADC3101 Datasheet PDF - Texas Instruments
Part # TLV320ADC3101
Download  TLV320ADC3101 Download
File Size   2531.07 Kbytes
Page   96 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio

TLV320ADC3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV320ADC3101 Datasheet PDF - Texas Instruments

Part # TLV320ADC3101
Download  TLV320ADC3101 Click to download

File Size   2531.07 Kbytes
Page   96 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio

TLV320ADC3101 Datasheet (HTML) - Texas Instruments


TLV320ADC3101 Product details

1 Features
1• Stereo Audio ADC
– 92-dBA Signal-to-Noise Ratio
– Supports ADC Sample Rates From 8 kHz to
96 kHz
• Instruction-Programmable Embedded miniDSP
• Flexible Digital Filtering With RAM Programmable
Coefficient, Instructions, and Built-In Processing
Blocks
– Low-Latency IIR Filters for Voice
– Linear Phase FIR Filters for Audio
– Additional Programmable IIR Filters for EQ,
Noise Cancellation or Reduction
– Up to 128 Programmable ADC Digital Filter
Coefficients
• Six Audio Inputs With Configurable Automatic
Gain Control (AGC)
– Programmable in Single-Ended or Fully
Differential Configurations
– Can Be 3-Stated for Easy Interoperability With
Other Audio ICs
• Low Power Consumption and Extensive Modular
Power Control:
– 6-mW Mono Record, 8-kHz
– 11-mW Stereo Record, 8-kHz
– 10-mW Mono Record, 48-kHz
– 17-mW Stereo Record, 48-kHz
• Dual Programmable Microphone Bias
• Programmable PLL for Clock Generation
• I2C Control Bus
• Audio Serial Data Bus Supports I2S, Left/Right-
Justified, DSP, PCM, and TDM Modes
• Digital Microphone Input Support
• Two GPIOs
• Power Supplies:
– Analog: 2.6 V to 3.6 V
– Digital: Core: 1.65 V to 1.95 V,
I/O: 1.1 V–3.6 V
• 4-mm × 4-mm 24-Pin RGE (VQFN)

2 Applications
• Wireless Handsets
• Portable Low-Power Audio Systems
• Noise-Cancellation Systems
• Front-End Voice or Audio Processor for Digital
Audio

3 Description
The TLV320ADC3101 device is a low-power, stereo
audio analog-to-digital converter (ADC) supporting sampling rates from 8 kHz to 96 kHz with an
integrated programmable-gain amplifier providing up
to 40-dB analog gain or AGC. A programmable
miniDSP is provided for custom audio processing.
Front-end input coarse attenuation of 0 dB, –6 dB, or
off, is also provided. The inputs are programmable in a combination of single-ended or fully differential
configurations. Extensive register-based power
control is available via an I2C interface, enabling
mono or stereo recording. Low power consumption
makes the TLV320ADC3101 ideal for batterypowered
portable equipment.




Similar Part No. - TLV320ADC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
Low-Power Stereo ADC
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 92P
TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1 Datasheet
1Mb / 86P
Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1_15 Datasheet
1Mb / 86P
Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
More results


Similar Description - TLV320ADC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320ADC3001 TI1-TLV320ADC3001 Datasheet
976Kb / 81P
Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
Low Power Stereo Audio Codec With Embedded miniDSP
TLV320ADC3001 TI-TLV320ADC3001_15 Datasheet
1Mb / 86P
TLV320ADC3001 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3101 TI-TLV320ADC3101_15 Datasheet
1Mb / 92P
TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1_15 Datasheet
1Mb / 86P
Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3001 TI1-TLV320ADC3001_15 Datasheet
1Mb / 86P
Low-Power Stereo ADC With Embedded miniDSP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com