Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV320ADC3101 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV320ADC3101 Datasheet PDF - Texas Instruments
Part # TLV320ADC3101
Download  TLV320ADC3101 Download
File Size   1400.64 Kbytes
Page   92 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio

TLV320ADC3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV320ADC3101 Datasheet PDF - Texas Instruments

Part # TLV320ADC3101
Download  TLV320ADC3101 Click to download

File Size   1400.64 Kbytes
Page   92 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio

TLV320ADC3101 Datasheet (HTML) - Texas Instruments


TLV320ADC3101 Product details

Description
The TLV320ADC3101 device is a low-power, stereo
audio analog-to-digital converter (ADC) supporting sampling rates from 8 kHz to 96 kHz with an
integrated programmable-gain amplifier providing up
to 40-dB analog gain or AGC. A programmable
miniDSP is provided for custom audio processing.
Front-end input coarse attenuation of 0 dB, –6 dB, or
off, is also provided. The inputs are programmable in a combination of single-ended or fully differential
configurations. Extensive register-based power
control is available via an I2C interface, enabling
mono or stereo recording. Low power consumption
makes the TLV320ADC3101 ideal for batterypowered
portable equipment.

Features
• Stereo Audio ADC
– 92-dBA Signal-to-Noise Ratio
– Supports ADC Sample Rates From 8 kHz to
96 kHz
• Instruction-Programmable Embedded miniDSP
• Flexible Digital Filtering With RAM Programmable
Coefficient, Instructions, and Built-In Processing
Blocks
– Low-Latency IIR Filters for Voice
– Linear Phase FIR Filters for Audio
– Additional Programmable IIR Filters for EQ,
Noise Cancellation or Reduction
– Up to 128 Programmable ADC Digital Filter
Coefficients
• Six Audio Inputs With Configurable Automatic
Gain Control (AGC)
– Programmable in Single-Ended or Fully
Differential Configurations
– Can Be 3-Stated for Easy Interoperability With
Other Audio ICs
• Low Power Consumption and Extensive Modular
Power Control:
– 6-mW Mono Record, 8-kHz
– 11-mW Stereo Record, 8-kHz
– 10-mW Mono Record, 48-kHz
– 17-mW Stereo Record, 48-kHz
• Dual Programmable Microphone Bias
• Programmable PLL for Clock Generation
• I2C Control Bus
• Audio Serial Data Bus Supports I2S, Left/Right-
Justified, DSP, PCM, and TDM Modes
• Digital Microphone Input Support
• Two GPIOs
• Power Supplies:
– Analog: 2.6 V to 3.6 V
– Digital: Core: 1.65 V to 1.95 V,
I/O: 1.1 V–3.6 V
• 4-mm × 4-mm 24-Pin RGE (VQFN)

Applications
• Wireless Handsets
• Portable Low-Power Audio Systems
• Noise-Cancellation Systems
• Front-End Voice or Audio Processor for Digital
Audio




Similar Part No. - TLV320ADC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
Low-Power Stereo ADC
TLV320ADC3101 TI2-TLV320ADC3101 Datasheet
2Mb / 96P
TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1 Datasheet
1Mb / 86P
Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3101-Q1 TI2-TLV320ADC3101-Q1 Datasheet
2Mb / 96P
TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
More results


Similar Description - TLV320ADC3101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
Ultra Low Power Stereo Audio Codec With Embedded miniDSP
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
Stereo Audio Codec With Embedded miniDSP
TLV320ADC3001 TI1-TLV320ADC3001 Datasheet
976Kb / 81P
Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
Low Power Stereo Audio Codec With Embedded miniDSP
TLV320ADC3001 TI-TLV320ADC3001_15 Datasheet
1Mb / 86P
TLV320ADC3001 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1_15 Datasheet
1Mb / 86P
Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3001 TI1-TLV320ADC3001_15 Datasheet
1Mb / 86P
Low-Power Stereo ADC With Embedded miniDSP
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com