Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1118 Datasheet (PDF) - Texas Instruments

ADS1118 Datasheet PDF - Texas Instruments
Part # ADS1118
Download  ADS1118 Download
File Size   1345.84 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor

ADS1118 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1118 Datasheet PDF - Texas Instruments

Part # ADS1118
Download  ADS1118 Click to download

File Size   1345.84 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor

ADS1118 Datasheet (HTML) - Texas Instruments


ADS1118 Product details

1 Features
1• Ultrasmall X2QFN Package:
2 mm × 1.5 mm × 0.4 mm
• Wide Supply Range: 2 V to 5.5 V
• Low Current Consumption:
– Continuous Mode: Only 150 μA
– Single-Shot Mode: Automatic Power Down
• Programmable Data Rate:
8 SPS to 860 SPS
• Single-Cycle Settling
• Internal Low-Drift Voltage Reference
• Internal Temperature Sensor:
0.5°C (Maximum) Error: 0°C to 70°C
• Internal Oscillator
• Internal PGA
• Four Single-Ended or Two Differential Inputs

2 Applications
• Temperature Measurement:
– Thermocouple Measurement
– Cold-Junction Compensation
– Thermistor Measurement
• Portable Instrumentation
• Factory Automation and Process Controls

3 Description
The ADS1118 is a precision, low power, 16-bit
analog-to-digital converter (ADC) that provides all
features necessary to measure the most common
sensor signals in an ultra-small, leadless X2QFN-10
package or a VSSOP-10 package. The ADS1118
integrates a programmable gain amplifier (PGA),
voltage reference, oscillator and high-accuracy
temperature sensor. These features, along with a
wide power supply range from 2 V to 5.5 V, make the
ADS1118 ideally suited for power- and spaceconstrained,
sensor-measurement applications.
The ADS1118 can perform conversions at data rates
up to 860 samples per second (SPS). The PGA offers
input ranges from ±256 mV to ±6.144 V, allowing
both large and small signals to be measured with
high resolution. An input multiplexer (MUX) allows to
measure two differential or four single-ended inputs.
The high-accuracy temperature sensor can be used
for system-level temperature monitoring or coldjunction
compensation for thermocouples.
The ADS1118 operates either in continuousconversion
mode, or in a single-shot mode that
automatically powers down after a conversion.
Single-shot mode significantly reduces current
consumption during idle periods. Data are transferred
through a serial peripheral interface (SPI™). The
ADS1118 is specified from –40°C to +125°C.




Similar Part No. - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
1Mb / 37P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1118 TI-ADS1118 Datasheet
1Mb / 38P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
1Mb / 41P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI2-ADS1118 Datasheet
1Mb / 49P
ADS101x Ultra-Small, Low-Power, I2C-Compatible, 3.3kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JANUARY 2025
More results


Similar Description - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_15 Datasheet
1Mb / 41P
Analog-to-Digital Converter Internal Reference and Temperature Sensor
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com