Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1118 Datasheet (PDF) - Texas Instruments

ADS1118 Datasheet PDF - Texas Instruments
Part # ADS1118
Download  ADS1118 Download
File Size   1761.72 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS101x Ultra-Small, Low-Power, I2C-Compatible, 3.3kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator

ADS1118 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1118 Datasheet PDF - Texas Instruments

Part # ADS1118
Download  ADS1118 Click to download

File Size   1761.72 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS101x Ultra-Small, Low-Power, I2C-Compatible, 3.3kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator

ADS1118 Datasheet (HTML) - Texas Instruments


ADS1118 Product details

1 Features
• Ultra-small packages:
– X2QFN: 1.5mm × 2mm × 0.4mm
– SOT: 2.9mm × 2.8mm × 0.6mm
• Noise-free resolution: 12 bits
• Wide supply range: 2.0V to 5.5V
• Low current consumption: 150μA
(continuous-conversion mode)
• Programmable data rate:
128SPS to 3.3kSPS
• Single-cycle settling
• Internal low-drift voltage reference
• Internal oscillator
• I2C interface: Four pin-selectable addresses
• Operating temperature range:
–40°C to +125°C
• Family of devices:
– ADS1013: 1 single-ended (SE) or differential
(DE) input
– ADS1014: 1 single-ended or differential input
with comparator and PGA
– ADS1015: 4 single-ended or 2 differential
inputs with comparator and PGA

2 Applications
• Portable instrumentation
• Battery voltage and current monitoring
• Temperature measurement systems
• Consumer electronics
• Factory automation and process control

3 Description
The ADS1013, ADS1014, and ADS1015 (ADS101x)
are precision, low-power, 12-bit, I2C-compatible,
analog-to-digital converters (ADCs) offered in a
leadless X2QFN-10, a SOT-10, and a VSSOP-10
package. The ADS101x incorporates a low-drift
voltage reference and an oscillator. The ADS1014
and ADS1015 also incorporate a programmable gain
amplifier (PGA) and a digital comparator. These
features, along with a wide operating supply range,
are useful for power- and space-constrained, sensor
measurement applications.
The ADS101x perform conversions at data rates
up to 3300 samples per second (SPS). The PGA
offers input ranges from ±256mV to ±6.144V, allowing
precise large- and small-signal measurements. The
ADS1015 features an input multiplexer (MUX) that
allows two differential or four single-ended input
measurements. Use the digital comparator in the
ADS1014 and ADS1015 for under- and overvoltage
detection.




Similar Part No. - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
1Mb / 37P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1118 TI-ADS1118 Datasheet
1Mb / 38P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
1Mb / 41P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI2-ADS1118 Datasheet
1Mb / 50P
ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor
REVISED SEPTEMBER 2019
More results


Similar Description - ADS1118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 45P
Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com