Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2TFN-G-JAE2 Datasheet (PDF) - RAMXEED LIMITED

MB85R4M2TFN-G-JAE2 Datasheet PDF - RAMXEED LIMITED
Part # MB85R4M2TFN-G-JAE2
Download  MB85R4M2TFN-G-JAE2 Download
File Size   1277.81 Kbytes
Page   25 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 4 M (256 K × 16) Bit

MB85R4M2TFN-G-JAE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85R4M2TFN-G-JAE2 Datasheet PDF - RAMXEED LIMITED

Part # MB85R4M2TFN-G-JAE2
Download  MB85R4M2TFN-G-JAE2 Click to download

File Size   1277.81 Kbytes
Page   25 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 4 M (256 K × 16) Bit

MB85R4M2TFN-G-JAE2 Datasheet (HTML) - RAMXEED LIMITED


MB85R4M2TFN-G-JAE2 Product details

DESCRIPTIONS
The MB85R4M2T is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 262,144
words × 16 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS
process technologies.
The MB85R4M2T is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R4M2T can be used for 1013 read/write operations, which is a
significant improvement over the number of read and write operations supported by Flash memory and
E2PROM. The MB85R4M2T uses a pseudo-SRAM interface.

 FEATURES
• Bit configuration : 262,144 words × 16 bits
• LB and UB data byte control : Available Configuration of 524,288 words × 8 bits
• Read/write endurance : 1013 times / 16 bits
• Data retention : 10 years ( + 85 °C), 95 years ( + 55 °C), over 200 years ( + 35 °C)
• Operating power supply voltage : 1.8 V to 3.6 V
• Low power operation : Operating power supply current 20 mA (Max)
Standby current 150 μA (Max)
Sleep current 20 μA (Max)
• Operation ambient temperature range : − 40 °C to + 85 °C
• Package : 44-pin plastic TSOP
RoHS compliant




Similar Part No. - MB85R4M2TFN-G-JAE2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R4M2TFN-G-ASE1 FUJITSU-MB85R4M2TFN-G-ASE1 Datasheet
57Kb / 2P
FRAM chip consisting of 262,144 words횞16 bits of nonvolatile memory
More results


Similar Description - MB85R4M2TFN-G-JAE2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
4 Megabit (256 K x 16-Bit) CMOS EPROM
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16256C RENESAS-HM62V16256C Datasheet
101Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B Datasheet
93Kb / 18P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI Datasheet
92Kb / 17P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B_15 Datasheet
119Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
logo
fujitsu semiconductor
MB85R4M2TFN-G FUJITSU-MB85R4M2TFN-G Datasheet
720Kb / 23P
4 M (256 K 횞 16) Bit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com