Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64APNF-G-AME2 Datasheet (PDF) - RAMXEED LIMITED

MB85RC64APNF-G-AME2 Datasheet PDF - RAMXEED LIMITED
Part # MB85RC64APNF-G-AME2
Download  MB85RC64APNF-G-AME2 Download
File Size   2262.65 Kbytes
Page   26 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 64 K (8 K x 8) Bit I2C

MB85RC64APNF-G-AME2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RC64APNF-G-AME2 Datasheet PDF - RAMXEED LIMITED

Part # MB85RC64APNF-G-AME2
Download  MB85RC64APNF-G-AME2 Click to download

File Size   2262.65 Kbytes
Page   26 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 64 K (8 K x 8) Bit I2C

MB85RC64APNF-G-AME2 Datasheet (HTML) - RAMXEED LIMITED


MB85RC64APNF-G-AME2 Product details

 DESCRIPTION
The MB85RC64A is an FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 8,192
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
Unlike SRAM, the MB85RC64A is able to retain data without using a data backup battery.
The read/write endurance of the nonvolatile memory cells used for the MB85RC64A has improved to be at
least 1012 cycles, significantly outperforming Flash memory and E2PROM in the number.
The MB85RC64A does not need a polling sequence after writing to the memory such as the case of Flash
memory or E2PROM.

 FEATURES
• Bit configuration : 8,192 words  8 bits
• Two-wire serial interface : Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency : 1 MHz (Max)
• Read/write endurance : 1012 times / byte
• Data retention : 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage : 2.7 V to 3.6 V
• Low power consumption : Operating power supply current 250 A (Typ @1 MHz)
Standby current 5 A (Typ)
• Operation ambient temperature range :  40 C to + 85 C
• Package : 8-pin plastic SOP
RoHS compliant




Similar Part No. - MB85RC64APNF-G-AME2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RC64APNF-G-JNE1 FUJITSU-MB85RC64APNF-G-JNE1 Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G-JNERE1 FUJITSU-MB85RC64APNF-G-JNERE1 Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
More results


Similar Description - MB85RC64APNF-G-AME2

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
64 k SRAM (8-kword x 8-bit)
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
64 k SRAM (8-kword x 8-bit)
logo
fujitsu semiconductor
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM
logo
fujitsu semiconductor
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
64 K (8 K 횞 8) Bit I2C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com